Electronic Components Datasheet Search
  English  ▼

X  

RF2498 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2498_1 Datasheet HTML 2Page - RF Micro Devices RF2498_1 Datasheet HTML 3Page - RF Micro Devices RF2498_1 Datasheet HTML 4Page - RF Micro Devices RF2498_1 Datasheet HTML 5Page - RF Micro Devices RF2498_1 Datasheet HTML 6Page - RF Micro Devices RF2498_1 Datasheet HTML 7Page - RF Micro Devices RF2498_1 Datasheet HTML 8Page - RF Micro Devices RF2498_1 Datasheet HTML 9Page - RF Micro Devices RF2498_1 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6 of 22
RF2498
Rev A3 DS030711
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Control Lines
Input Capacitance
1
pF
BAND SEL, IF SEL, IP SET, LNA GAIN, ENABLE,
MIX GAIN, TX BUFF ENABLE,
/2 SELECT
Local Oscillator Input
Cellular - CDMA/FM/JCDMA
Input Power
-10
-4
0
dBm
Input Frequency
600
1078
MHz
See note 3. High and Low side injection.
1200
2156
MHz
See note 4. High and Low side injection.
PCS
Input Power
-10
-4
0
dBm
Input Frequency
1600
2300
MHz
High and Low Side LO Injection.
GPS
Input Power
-10
-4
0
dBm
Input Frequency
1350
1800
MHz
High and Low Side LO Injection.
TX (Local Oscillator) Buffer
Cellular - CDMA/FM/JCDMA
Output Power
-11
-8
dBm
Single-ended 50
Ω load
Output Frequency
600
1078
MHz
See note 3. High and Low Side LO Injection.
Output Power
-11
-6.5
Single-ended 50
Ω load
Output Frequency
1200
2156
MHz
See note 4. High and Low Side LO Injection.
Current Consumption
2
mA
PCS
Output Power
-11
-8
dBm
Single-ended 50
Ω load
Output Frequency
1600
2300
MHz
High and Low Side LO Injection
Current Consumption
2
mA
NOTE 1. Mixer performance can be changed with external IF load/tuning.
NOTE 2. Specifications apply for conditions of LO Divider enabled or disabled.
NOTE 3. LO Divider disabled. LO Divider disabled logic conditions:
A) BAND SELECT=1; /2 SELECT=Immaterial.B) BAND SELECT=0; /2 SELECT=1
NOTE 4. LO Divider enabled. LO Divider enabled logic conditions:
A) BAND SELECT=0; /2 SELECT=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com