Electronic Components Datasheet Search
  English  ▼

X  

HWS419 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS419
Description  GaAs DC-6 GHz DP4T Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS419 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS419 Datasheet HTML 1Page - Hexawave, Inc HWS419 Datasheet HTML 2Page - Hexawave, Inc HWS419 Datasheet HTML 3Page - Hexawave, Inc HWS419 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HWS419
!
!
July 2004 V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Combination of 1 DPDT and 2 SPDT switches
• Low Insertion Loss : 1.30dB @ 2.50GHz
1.55dB @ 5.85GHz
• Isolation: 26dB @ 2.50GHz
19dB @ 5.85GHz
• Flexible selection of 2.5/5.8GHz Tx/Rx ports
• Low DC Power Consumption
• Miniature QFN16L (4x4 mm) Plastic Package
• PHEMT Process
• Different Logic Version of HWS379
Description
The HWS419 is a GaAs PHEMT MMIC DP4T switch
operating at DC-6GHz in a low cost miniature QFN16L
(4 x 4 mm) plastic package. The HWS419 combines
one DPDT switch and two SPDT switches in a single
IC and features low insertion loss and high isolation
with very low DC power consumption. This switch can
be used in IEEE 802.11a/b/g WLAN systems for
combination of transmit/receive and antenna diversity
functions. Two antenna ports can be selected for
antenna diversity function and four RF ports can be
arbitrary chosen for 2.5GHz band or 5.85GHz band as
transmit/receive functions.
QFN16L (4 x 4 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
ANT ports to RF ports
0.01-6.00 GHz
2.40-2.50GHz
5.15-5.85GHz
1.60
1.30
1.55
1.50
1.85
dB
dB
dB
Isolation (SPDT part)
Ex: ANT1 to RF2 when ANT1 to RF1 on
0.01-6.00 GHz
2.40-2.50GHz
5.15-5.85GHz
24
25
26
27
dB
dB
dB
Isolation (DPDT part)
Ex: ANT2 to RF1 when ANT1 to RF1 on
0.01-6.00 GHz
2.40-2.50GHz
5.15-5.85GHz
17
19
27
19
dB
dB
dB
Return Loss
0.01-6.00 GHz
2.40-2.50GHz
5.15-5.85GHz
12
20
15
dB
dB
dB
Input Power for One dB Compression
2.00-6.00GHz @0/+3.0V
30
dBm
Control Current
30
300
µA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS419

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS411 HW-HWS411 Datasheet
121Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS412 HW-HWS412 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS415 HW-HWS415 Datasheet
77Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results

Similar Description - HWS419

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
logo
Hexawave, Inc
HWS379 HW-HWS379 Datasheet
113Kb / 4P
GaAs DC-6 GHz DP4T Switch
HWS382 HW-HWS382 Datasheet
119Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS383 HW-HWS383 Datasheet
121Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415 HW-HWS415 Datasheet
77Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS454 HW-HWS454 Datasheet
192Kb / 4P
GaAs DC-6 GHz DP4T Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS453_V3 HW-HWS453_V3_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS436_V3 HW-HWS436_V3_15 Datasheet
73Kb / 3P
GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com