Electronic Components Datasheet Search
  English  ▼

X  

HWS419 Datasheet(PDF) 3 Page - Hexawave, Inc

Part # HWS419
Description  GaAs DC-6 GHz DP4T Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS419 Datasheet(HTML) 3 Page - Hexawave, Inc

  HWS419 Datasheet HTML 1Page - Hexawave, Inc HWS419 Datasheet HTML 2Page - Hexawave, Inc HWS419 Datasheet HTML 3Page - Hexawave, Inc HWS419 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HWS419
!
!
July 2004 V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Application Information
Simplified Application Block Diagram Between HWS419 and WLAN 802.11 a/b/g RFIC
Note:
1. VC1 and VC3 are used for antenna selection, while VC2 and VC4 are used for band selection.
2. LB_RX stands for low-band(2.5GHz band) receiving port and HB_TX stands for high-band(5.85GHz
band) transmitting port.
3. RF paths between switch and RFIC may include amplifiers, filters, and baluns
.
Logic Table for Switch On-Path
VC1
(AntennaSelect)
VC3
(AntennaSelectInv)
VC2
(BandSelect)
VC4
(BandSelectInv)
ANT1
ANT2
0
1
1
0
RF1(LB_RX)
RF4(LB_TX)
1
0
1
0
RF4(LB_TX)
RF1(LB_RX)
0
1
0
1
RF2(HB_RX)
RF3(HB_TX)
1
0
0
1
RF3(HB_TX)
RF2(HB_RX)
ANT2
HB_RX
HWS419 DP4T Switch
ANT1
LB_RX
HB_TX
LB_TX
VC1 VC3
VC4
VC2
RF1
RF3
RF4
WLAN 802.11a/b/g
RFIC
Antenna
Select
Band
Select
RF2
Antenna
SelectInv
Band
SelectInv



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com