Electronic Components Datasheet Search
  English  ▼

X  

ARS122047 Datasheet(PDF) 1 Page - Glamox

Part # ARS122047
Description  ARIS-W SINGLE WH E1/DALILO L8Y SIGN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS122047 Datasheet(HTML) 1 Page - Glamox

  ARS122047 Datasheet HTML 1Page - Glamox ARS122047 Datasheet HTML 2Page - Glamox ARS122047 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
ARIS-W SINGLE WH E1/DALI
LO L8Y SIGN
A modern one-sided wall-mounted emergency exit sign
luminaire with a uniform illumination of the sign due to a
large amount of low power LEDs.
E1 / DALI means that this item has a built-in emergency
light for minimum 1 hour duration. It tests itself according to
European emergency light standards. The test cycle,
grouping of luminaires and reading the test results are all
done using DALI communication.
Item No.
ARS122047
GTIN
5903531220471
Stock status code
M
Technical specifications
Mounting
Product Mounting
Wall surface
General
Product shape
Rectangular
LMS System
Number of DALI addresses
1
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
2.7
IEC Protection Class
II
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
2
Lumen Per Watt (lm/W)
60
Lamp colour temp (K)
5700
Colour Rendering Index
>70
MacAdam step
3
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
DALI
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Percentage Light Out In Emergency
100
Reading distance sign (m)
25
Battery Type
LiFePO4
Battery Form
Stick
Battery mAh
1500
Battery Voltage (V)
6.4
Battery Sparepart No
SP-MY-413-LI1500L
Battery Termination
NS39


Similar Part No. - ARS122047

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS1224 PANASONIC-ARS1224 Datasheet
375Kb / 12P
3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
More results

Similar Description - ARS122047

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
E1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
XFMRS Inc.
XF6006W5 XFMRS-XF6006W5 Datasheet
52Kb / 1P
T1/E1/CEPT SINGLE PORT
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
Single or double-sided sign box illumination
logo
XFMRS Inc.
XF0013B49A XFMRS-XF0013B49A Datasheet
76Kb / 1P
T1/E1/CEPT SINGLE PORT
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com