Electronic Components Datasheet Search
  English  ▼

X  

ARS122047 Datasheet(PDF) 2 Page - Glamox

Part # ARS122047
Description  ARIS-W SINGLE WH E1/DALILO L8Y SIGN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS122047 Datasheet(HTML) 2 Page - Glamox

  ARS122047 Datasheet HTML 1Page - Glamox ARS122047 Datasheet HTML 2Page - Glamox ARS122047 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
2/3
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
34
Width (mm)
262
Height (mm)
155
Item Net Weight (kg)
0.5244
Logistic Data
Item Gross Weight (kg)
0.57



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com