Electronic Components Datasheet Search
  English  ▼

X  

LD7765GS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7765GS
Description  High Voltage Green-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7765GS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7765GS Datasheet HTML 1Page - Leadtrend Technology LD7765GS Datasheet HTML 2Page - Leadtrend Technology LD7765GS Datasheet HTML 3Page - Leadtrend Technology LD7765GS Datasheet HTML 4Page - Leadtrend Technology LD7765GS Datasheet HTML 5Page - Leadtrend Technology LD7765GS Datasheet HTML 6Page - Leadtrend Technology LD7765GS Datasheet HTML 7Page - Leadtrend Technology LD7765GS Datasheet HTML 8Page - Leadtrend Technology LD7765GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LD7765
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7765-DS-00
October 2012
Absolute Maximum Ratings
VCC
-0.3V~30V
HV
-0.3V~500V
COMP, OTP, CS
-0.3V ~6V
OUT
-0.3V ~Vcc+0.3V
Power Dissipation, PD@85
C
SOP-8/SOP-7
250mW
Package Thermal Resistance
SOP-8/SOP-7
,ΘJA
160 °C/W
Junction Temperature
150°C
Lead Temperature (Soldering, 10sec)
260°C
Storage Temperature Range
-55°C to 125°C
ESD Voltage Protection, Human Body Model (except HV Pin)
2.5KV
ESD Voltage Protection, Machine Model (except HV Pin)
250V
ESD Voltage Protection, Human Body Model (HV Pin)
1KV
ESD Voltage Protection, Machine Model (HV pin)
200V
Gate Output Current
+500/-800mA
Recommended Operating Conditions
Supply Voltage Vcc
10V to 24V
VCC Capacitor
10 to 47µF
HV Pin Resistor
5~10kΩ
COMP Capacitor Value
1~100nF
Operating Ambient Temperature
-40°C to 85°C
Operating Junction Temperature Range
-40°C to 125°C
Note:
1.
COMP pin connecting a capacitor is essential to filter out the undesired switching noise for stable
operation.
2.
The small signal components as closed to IC pin as possible.
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com