Electronic Components Datasheet Search
  English  ▼

X  

LD7765GS Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7765GS
Description  High Voltage Green-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7765GS Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7765GS Datasheet HTML 9Page - Leadtrend Technology LD7765GS Datasheet HTML 10Page - Leadtrend Technology LD7765GS Datasheet HTML 11Page - Leadtrend Technology LD7765GS Datasheet HTML 12Page - Leadtrend Technology LD7765GS Datasheet HTML 13Page - Leadtrend Technology LD7765GS Datasheet HTML 14Page - Leadtrend Technology LD7765GS Datasheet HTML 15Page - Leadtrend Technology LD7765GS Datasheet HTML 16Page - Leadtrend Technology LD7765GS Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LD7765
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7765-DS-00
October 2012
Green-Mode Operation
By using the green-mode control, the switching frequency
can be reduced under the light load condition. This feature
helps to improve the efficiency in light load conditions.
The green-mode control is Leadtrend Technology
’s own
IP.
Maximum Duty-Cycle
The maximum duty-cycle of LD7765 is limited to 75% to
avoid the transformer saturation.
On/Off Control
The gate driver of LD7765 can be disabled immediately
by pulling COMP pin voltage level lower than Zero Duty
Trip Level. The disable-mode can be released when
Comp pin voltage level is pulled high above Zero Duty
Trip Level.
Over Load Protection (OLP)- Auto Recovery
To protect the circuit from being damaged at over load
condition, short or open loop condition, the LD7765 is
implemented with smart OLP function. LD7765 features
auto recovery function, see Fig 14 for the waveform. In the
example of the fault condition, the feedback system will
force the voltage loop enter toward saturation and then
pull the voltage high across COMP pin (VCOMP).
When
the VCOMP ramps up to the OLP tripped level (4.6V) for
more than the OLP delay time, the protection will be
activated to turn off the gate output and to stop the
switching of power circuit. The OLP delay time is set by
internal high frequency counter. It is to prevent the false
triggering during the power-on and turn-off transient.
A divide-2 counter is implemented to reduce the average
power under OLP behavior.
Whenever OLP is activated,
the output is latched off and the divide-2 counter starts to
count the number of UVLO(off).
The latch will not be
released and the output will not be resumed until the 3rd
UVLO(off) level is tripped. With the protection mechanism,
the average input power will be less than ever, so that the
component temperature and stress can be controlled
within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
VOLP
t
OUT
OLP Delay Time
Switching
Switching
Non-Switching
OLP trip Level
2nd UVLO(off)
OLP Counter Reset
BNO
Detecting
Fig 14.
OVP (Over Voltage Protection) on Vcc -
Auto Recovery
The maximum Vcc ratings of the LD7765 are mostly for
30V. To protect the controller in over-voltage condition,
LD7765 is implemented with OVP function on VCC. Once
the VCC voltage ramps over the OVP threshold, it will
shut off the output gate drive circuit right away and disable
the power MOSFET until the 2nd UVLO(ON) is tripped.
The Vcc OVP function is auto-recoverable.
If the OVP
condition, usually caused by open-loop of feedback, is not
released, the Vcc will trip the OVP level again and
re-shutdown the output to resume.
That makes the Vcc
work in hiccup mode. Fig 15 shows its operation.
After the OVP condition is removed, the Vcc will resume
its operation level and the output in the normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com