Electronic Components Datasheet Search
  English  ▼

X  

KHP05 Datasheet(PDF) 2 Page - TM Electronics Inc

Part # KHP05
Description  TYPE K PLUG MOUNTED GENERAL PURPOSE KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

KHP05 Datasheet(HTML) 2 Page - TM Electronics Inc

  KHP05 Datasheet HTML 1Page - TM Electronics Inc KHP05 Datasheet HTML 2Page - TM Electronics Inc KHP05 Datasheet HTML 3Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
KHM01 General Purpose Probe
This probe is ideal for the temperature measurement of liquids.
Construction
3.0mm diameter by 100mm long minerally insulated plug mounted probe.
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
 TIME RESPONSE (96% of value in water)
: 2.0 Secs
 MEASUREMENT RANGE
: -100 TO 750 °C
KHA02 Air Probe
This probe is ideal for the temperature testing of heating and ventilation work.
Construction
Air probe with exposed thermocouple sensor protected by a perforated stainless steel sheath.
Insulated in ceramic sheaths.
Sensor stem is 4mm diameter and 110mm long, the sensor is approx 5mm from the stem end.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: –30 TO 50 °C
TIME RESPONSE
(96% of value in moving gas)
: 0.1 Secs
MEASUREMENT RANGE
: -100 TO 750 °C
KA01 Fine wire (PTFE) Thermocouple Sensor
Used for applications such as air, liquid or surface temperatures
Construction
This sensor is constructed using a 1M length PTFE wire constructed as a flat pair. The wire used is
Class 1 Type K alloys (NiCr / NiAl). A weld bead is manufactured at one end of the wire whilst the
other end is terminated in a moulded miniature thermocouple plug.
Sensor Features
 MOULDED PLUG
The use of a moulded plug gives a robust construction as well as providing a waterproof
termination.
 HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: -100 TO 50 °C
 TIME RESPONSE (96% of value in moving gas)
: 0.1 Secs
 MEASUREMENT RANGE
: -100 TO 250 °C
(Please note may be used for temperatures down to -100⁰C however insulation will become brittle at
temperatures below -50⁰C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com