Electronic Components Datasheet Search
  English  ▼

X  

KHP05 Datasheet(PDF) 3 Page - TM Electronics Inc

Part # KHP05
Description  TYPE K PLUG MOUNTED GENERAL PURPOSE KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

KHP05 Datasheet(HTML) 3 Page - TM Electronics Inc

  KHP05 Datasheet HTML 1Page - TM Electronics Inc KHP05 Datasheet HTML 2Page - TM Electronics Inc KHP05 Datasheet HTML 3Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
KH01 Handle
This handle is used in conjunction with the range of plug mounted probes offered by TME.
The socket in the end of the handle allows for the plug mounted probes to be inserted into the
handle. This means that a variety of temperature measurements may be performed using the
socket in the handle and different plug mounted probes.
Construction
Handle which includes miniature thermocouple socket into which any one of the TME plug mounted
probes may be inserted. Complete with 2M curly polyurethane cable with moulded connector.
Complete waterproof assembly.
Sensor Features
 TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This results in a solid handle as opposed to a hollow handle. This is particularly important as there
is often damage to the handles caused by excess heat. With a hollow handle it is possible to
puncture the outer plastic and damage the sensor irreparably.
 WATERPROOF HANDLE
Due to the total encapsulation method used, all TME probe handles are completely waterproof.
 TOUGH POLYURETHANE CABLE
Polyurethane cables are used in place of the standard PVC for the following reasons :-
Greater retractability
Enhanced memory of it’s curl
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
 HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
 POLYPROPYLENE HANDLES
Polypropylene is an extremely tough and durable material, commonly used for milk crates, it has
good low temperature performance and a relatively high melt temperature. It performs
exceptionally well under chemical attack.
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: –50 TO 50 °C
Cross-reference for compatible instruments
Suitable instruments for use with this probe
TME PART No
DESCRIPTION
APPLICATION
MM2000
SINGLE INPUT INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT
MM2008
SINGLE INPUT THERMOMETER with 1
& 2 MINUTE TIMERS
LEGIONELLA TEMPRATURE MONITORING
MM2010
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES
MM2020
DIFFERENTIAL INSTRUMENT
DUAL INPUT INSTRUMENT FOR DIFFERENTIAL MEASUREMENTS
MM2030
THERMOCOUPLE SIMULATOR
HIGH ACCURACY SIMULATOR WITH MEASUREMENT FACILITY
SOLO-K
COMPACT SINGLE INPUT
INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com