Electronic Components Datasheet Search
  English  ▼

X  

Q8-SERIES Datasheet(PDF) 1 Page - APEM

Part # Q8-SERIES
Description  Ø8 mm panel mount LED indicators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

Q8-SERIES Datasheet(HTML) 1 Page - APEM

  Q8-SERIES Datasheet HTML 1Page - APEM Q8-SERIES Datasheet HTML 2Page - APEM Q8-SERIES Datasheet HTML 3Page - APEM Q8-SERIES Datasheet HTML 4Page - APEM Q8-SERIES Datasheet HTML 5Page - APEM Q8-SERIES Datasheet HTML 6Page - APEM Q8-SERIES Datasheet HTML 7Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• Plated brass bezel finished in bright chrome, black or satin grey
and moulded polycarbonate rear body
• Stainless Steel 316L bezel in flush version only
MATERIALS
• Max Reverse Voltage: 5 V
• Viewing Angle: 30–100° (dependant on model)
• Life Expectancy: 100,000 hours
• Torque: 20 to 25 cNm
• Maximum panel thickness 7 mm
GENERAL SPECIFICATIONS
The company reserves the right to change specifications without notice.
5mm colored diffused epoxy lens or 5 mm water clear
super bright LEDs
Prominent, recessed and flush bezel styles
(2.8 x 0.8) solder lug/faston terminals, pins or (200 mm long)
wire terminations (2.0 x 0.5) solder lug/faston terminals on
tri-color versions
DISTINCTIVE FEATURES
• IP67 sealing option (EN60529)
• Operating & Storage Temperature Range:
Rear plastic body: -30 °C to +65 °C ( –22 °F to +149 °F)
Rear epoxy body: -40 °C to +85 °C ( –40 °F to +185 °F)
ENVIRONMENTAL SPECIFICATIONS
Q8 series
Ø8 mm panel mount LED indicators
MOUNTING
All LED characteristics are dependent upon environmental conditions. Therefore published data
should be considered nominal and subject to variations.
1
IND-Q8-1911


Similar Description - Q8-SERIES

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62069 MICROPAC-62069 Datasheet
81Kb / 2P
HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
logo
CUI INC
CPE-750 CUI-CPE-750 Datasheet
239Kb / 5P
panel mount piezo indicators
CPE-750PA CUI-CPE-750PA Datasheet
245Kb / 5P
panel mount piezo indicators
CPE-751 CUI-CPE-751 Datasheet
232Kb / 5P
panel mount piezo indicators
CPE-755S CUI-CPE-755S Datasheet
242Kb / 5P
panel mount piezo indicators
CPE-757 CUI-CPE-757 Datasheet
224Kb / 5P
panel mount piezo indicators
logo
Dialight Corporation
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
Snap-in LED Panel Mount Indicators
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
PANEL MOUNT INDICATORS
logo
Marl International Limi...
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
STD PANEL MOUNT INDICATORS
logo
Dialight Corporation
656 DIALIGHT-656 Datasheet
532Kb / 4P
High Intensity LED Panel Mount Indicators
Nov2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com