Electronic Components Datasheet Search
  English  ▼

X  

Q8-SERIES Datasheet(PDF) 2 Page - APEM

Part # Q8-SERIES
Description  Ø8 mm panel mount LED indicators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

Q8-SERIES Datasheet(HTML) 2 Page - APEM

  Q8-SERIES Datasheet HTML 1Page - APEM Q8-SERIES Datasheet HTML 2Page - APEM Q8-SERIES Datasheet HTML 3Page - APEM Q8-SERIES Datasheet HTML 4Page - APEM Q8-SERIES Datasheet HTML 5Page - APEM Q8-SERIES Datasheet HTML 6Page - APEM Q8-SERIES Datasheet HTML 7Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ø8 mm panel mount LED indicators
Q8 series
ELECTRICAL SPECIFICATIONS
Voltage
Operating Voltage Operating Current
(Min to Max)
(Typical All
Types)
02 (No Resistor)*
1.8 to 3.3 VDC
20 mA max
6 VDC
5.4 to 6.6 VDC
20 mA
12 VDC
10.8 to 13.2 VDC
20 mA
24 VDC
21.6 to 26.4 VDC
20 mA
28 VDC
25.2 to 30.8 VDC
20 mA
110 VAC
99 to 121 VAC
6 mA
220 VAC
207 to 235 VAC
3 mA
* Customer to supply resistor for desired operating
current.
LED COMPONENT SPECIFICATIONS
Prominent and
Recessed
Flush
Forward Voltage
HE Red
80 mcd
8 mcd
2.0 V
Green
60 mcd
6 mcd
2.2 V
Yellow
50 mcd
6 mcd
2.1 V
Blue
1,600 mcd
50 mcd
3.3 V
White
1,600 mcd
500 mcd
3.3 V
Orange
60 mcd
110 mcd
2.2 V
Bi-color (Typical)
(Red/Green)
14/30 mcd
15/10 mcd
2.0V/2.2 V
Tri-color (Typical)
(Red/Green/Yellow)
60/15/13 mcd
15/10/6 mcd
2.0 V/2.2 V/2.1 V
Bi-color - The color is changed by reversing the polarity of the supply voltage.
Tri-color - The indicator has red and green LEDs, when both connected yellow is
produced.
STANDARD LED INTENSITY
LED COMPONENT SPECIFICATIONS
Prominent and
Recessed
Flush
Forward Voltage
HE Red
5,000 mcd
1,300 mcd
2.2 V
Green
10,000 mcd
1,200 mcd
3.3 V
Yellow
4,000 mcd
350 mcd
2.0 V
Blue
2,200 mcd
280 mcd
3.3 V
White
2,500 mcd
950 mcd
3.3 V
Orange
4,000 mcd
500 mcd
2.2 V
SUPER BRIGHT LED INTENSITY
LED COMPONENT SPECIFICATIONS
Prominent and
Recessed
Flush
Forward Voltage
HE Red
6,000 mcd
980 mcd
2.2 V
Green
1,900 mcd
300 mcd
3.3 V
Yellow
1,600 mcd
250 mcd
2.0 V
Orange
2,400 mcd
110 mcd
2.2 V
HYPER BRIGHT LED INTENSITY
• The operating voltage must not be exceeded by more that
10% as this will result in reduced life expectancy
• Luminous intensity is measured at 20 mA on a discrete led
unless otherwise stated.
• Luminous intensities and color shades of white LEDs may
vary within a batch.
• Luminous intensity will be reduced with lower operating
current.
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com