Electronic Components Datasheet Search
  English  ▼

X  

RF2442PCBA-H Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2442PCBA-H
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442PCBA-H Datasheet(HTML) 5 Page - RF Micro Devices

  RF2442PCBA-H Datasheet HTML 1Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 2Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 3Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 4Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 5Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 6Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 7Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 8Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2442
Rev B8 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic (L board)
~900 MHz
Evaluation Board Schematic (M board)
~1900 MHz
Evaluation Board Schematic (H board)
~2400 MHz
1
2
3
4
8
7
6
5
L1
15 nH
C4
1.5 pF
C3
22 pF
C2
22 pF
R1
0
Ω
L2
8.2 nH
C1
1 nF
C5
1.5 pF
50
Ω μstrip
J1
RF IN
50
Ω μstrip
J2
RF OUT
VCC
2442401-
1
2
3
4
8
7
6
5
L1
4.7 nH
C4
1.0 pF
C3
22 pF
C2
22 pF
R1
0
Ω
C1
1 nF
50
Ω μstrip
J1
RF IN
50
Ω μstrip
J2
RF OUT
VCC
2442400B
1
2
3
4
8
7
6
5
L1
3.9 nH
C4
0.5 pF
C3
22 pF
C2
22 pF
R1
0
Ω
C1
1 nF
50
Ω μstrip
J1
RF IN
50
Ω μstrip
J2
RF OUT
VCC
2442402-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com