Electronic Components Datasheet Search
  English  ▼

X  

RF2442PCBA-H Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2442PCBA-H
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442PCBA-H Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2442PCBA-H Datasheet HTML 4Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 5Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 6Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 7Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 8Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 9Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 10Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 11Page - RF Micro Devices RF2442PCBA-H Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF2442
Rev B8 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Gain vs. Output Level
(Freq = 1960MHz)
5
10
15
20
-20
-10
0
10
20
Output Level (dBm)
Vcc = 3.6V
Vcc = 3.0V
Input IP3 vs. Input Level
(Freq = 1960MHz)
0
5
10
15
20
-20
-15
-10
-5
0
Input Level (dBm)
Vcc = 3.6V
Vcc = 3.0V
Noise Figure vs. Frequency
0.0
0.4
0.8
1.2
1.6
2.0
1500
1600
1700
1800
1900
2000
Frequency (MHz)
Vcc = 3.6V
Vcc = 3.0V
Output IP3 vs. Input Level
(Freq = 1960MHz)
10
15
20
25
30
-20
-15
-10
-5
0
Input Level (dBm)
Vcc = 3.6V
Vcc = 3.0V
Icc vs. Output Level
(Freq = 881MHz)
5
10
15
20
25
-10
-5
0
5
10
15
Output Level (dBm)
Vcc=3.0, Noise Match
Vcc=3.0, Gmax Match
Vcc=3.6, Noise Match
Vcc=3.6, Gmax Match
Efficiency vs. Output Level
(Freq = 881MHz)
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-10
-5
0
5
10
15
Output Level (dBm)
Vcc=3.0, Noise Match
Vcc=3.0, Gmax Match
Vcc=3.6, Noise Match
Vcc=3.6, Gmax Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com