Electronic Components Datasheet Search
  English  ▼

X  

2N5486 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 2N5486
Description  JFET VHF/UHF Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N5486 Datasheet(HTML) 4 Page - Motorola, Inc

  2N5486 Datasheet HTML 1Page - Motorola, Inc 2N5486 Datasheet HTML 2Page - Motorola, Inc 2N5486 Datasheet HTML 3Page - Motorola, Inc 2N5486 Datasheet HTML 4Page - Motorola, Inc 2N5486 Datasheet HTML 5Page - Motorola, Inc 2N5486 Datasheet HTML 6Page - Motorola, Inc 2N5486 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N5484 2N5486
4–119
Motorola Small–Signal Transistors, FETs and Diodes Device Data
f, FREQUENCY (MHz)
30
10
bis @ IDSS
f, FREQUENCY (MHz)
5.0
Figure 6. Input Admittance (yis)
Figure 7. Reverse Transfer Admittance (yrs)
COMMON SOURCE CHARACTERISTICS
ADMITTANCE PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C)
f, FREQUENCY (MHz)
20
f, FREQUENCY (MHz)
10
Figure 8. Forward Transadmittance (yfs)
Figure 9. Output Admittance (yos)
20
10
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
20
30
50 70 100
200 300
500 700 1000
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
3.0
0.05
0.07
0.1
0.2
0.3
0.7
0.5
1.0
2.0
10
20
30
50
70
100
200 300
500 700 1000
10
20
30
50 70 100
200 300
500 700 1000
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
30
50 70
100
200 300
500 700 1000
bis @ 0.25 IDSS
gis @ IDSS
gis @ 0.25 IDSS
brs @ IDSS
0.25 IDSS
grs @ IDSS, 0.25 IDSS
gfs @ IDSS
|bfs| @ IDSS
|bfs| @ 0.25 IDSS
bos @ IDSS and 0.25 IDSS
gos @ IDSS
gos @ 0.25 IDSS
gfs @ 0.25 IDSS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com