Electronic Components Datasheet Search
  English  ▼

X  

2N5486 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 2N5486
Description  JFET VHF/UHF Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N5486 Datasheet(HTML) 1 Page - Motorola, Inc

  2N5486 Datasheet HTML 1Page - Motorola, Inc 2N5486 Datasheet HTML 2Page - Motorola, Inc 2N5486 Datasheet HTML 3Page - Motorola, Inc 2N5486 Datasheet HTML 4Page - Motorola, Inc 2N5486 Datasheet HTML 5Page - Motorola, Inc 2N5486 Datasheet HTML 6Page - Motorola, Inc 2N5486 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4–116
Motorola Small–Signal Transistors, FETs and Diodes Device Data
JFET VHF/UHF Amplifiers
N–Channel — Depletion
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain – Gate Voltage
VDG
25
Vdc
Reverse Gate – Source Voltage
VGSR
25
Vdc
Drain Current
ID
30
mAdc
Forward Gate Current
IG(f)
10
mAdc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate – Source Breakdown Voltage
(IG = –1.0 µAdc, VDS = 0)
V(BR)GSS
–25
—
—
Vdc
Gate Reverse Current
(VGS = –20 Vdc, VDS = 0)
(VGS = –20 Vdc, VDS = 0, TA = 100°C)
IGSS
—
—
—
—
–1.0
– 0.2
nAdc
µAdc
Gate Source Cutoff Voltage
(VDS = 15 Vdc, ID = 10 nAdc)
2N5484
2N5486
VGS(off)
– 0.3
– 2.0
—
—
– 3.0
– 6.0
Vdc
ON CHARACTERISTICS
Zero – Gate –Voltage Drain Current
2N5484
(VDS = 15 Vdc, VGS = 0)
2N5486
IDSS
1.0
8.0
—
—
5.0
20
mAdc
SMALL– SIGNAL CHARACTERISTICS
Forward Transfer Admittance
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
2N5484
2N5486
yfs
3000
4000
—
—
6000
8000
mmhos
Input Admittance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
2N5484
(VDS = 15 Vdc, VGS = 0, f = 400 MHz)
2N5486
Re(yis)
—
—
—
—
100
1000
mmhos
Output Admittance
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
2N5484
2N5486
yos
—
—
—
—
50
75
mmhos
Output Conductance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
2N5484
(VDS = 15 Vdc, VGS = 0, f = 400 MHz)
2N5486
Re(yos)
—
—
—
—
75
100
mmhos
Forward Transconductance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
2N5484
(VDS = 15 Vdc, VGS = 0, f = 400 MHz)
2N5486
Re(yfs)
2500
3500
—
—
—
—
mmhos
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CASE 29–04, STYLE 5
TO–92 (TO–226AA)
1
2
3
2N5484
2N5486
1 DRAIN
2 SOURCE
3
GATE


Similar Part No. - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
JFET VHF/UHF Amplifiers
1997
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
2N5486 FAIRCHILD-2N5486 Datasheet
73Kb / 7P
N-Channel RF Amplifier
logo
Calogic, LLC
2N5486 CALOGIC-2N5486 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Micro Electronics
2N5486 MICRO-ELECTRONICS-2N5486 Datasheet
150Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
More results

Similar Description - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308 Datasheet
160Kb / 8P
JFET VHF/UHF Amplifiers
1997
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
J309 ONSEMI-J309 Datasheet
66Kb / 5P
JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
JFET VHF/UHF Amplifiers N-Channel ??Depletion
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com