Electronic Components Datasheet Search
  English  ▼

X  

HWS468 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS468
Description  GaAs DC-6 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS468 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS468 Datasheet HTML 1Page - Hexawave, Inc HWS468 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
!
!
"
#
$! %
%&'(() * +(
,-. (() * ++
•
/
0
1 2
(
0
( 1 2
••••
)
0
1 2
)
0
( 1 2
••••
••••
!" #$
% &
••••
!
! '
"'
(
) !
#
$
*
(
+
%$
3 /)(
1 -
4%
$
5
46 ) 1 2
"
% *)* "
"
7 8
9
# 5
%$
3 /)( 9 !
"
"
$
"
46
!:
%$
$
!
&&& (
;;5 3 '-<
:
9
:
9
: ;
9
!
,
(
-./
0 123 *
*
&
!
4
5
6 5
4 75
8
'
)
1 2
/
1 2
/ =
( 1 2
(
/
(
"
7 ,
, 8
)
1 2
/
1 2
/ =
( 1 2
/
)
(
+
"
7 ,6
,
,6
, 8
)
1 2
/
1 2
/ =
( 1 2
*
)
)
!
'
)
1 2
!
9
6 :
)
1 2
*
:
$ 5% :
*
6
"6!
!-
<
>-"
":
! :
:
$:
:
$ ;
?*
" " 5
! "
$
9


Similar Part No. - HWS468

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS468 HW-HWS468 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results

Similar Description - HWS468

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6010G MACOM-MASW6010G Datasheet
90Kb / 2P
GaAs SPDT Switch DC-6 GHz
logo
Hexawave, Inc
HWS382 HW-HWS382 Datasheet
119Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS398 HW-HWS398 Datasheet
116Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452 HW-HWS452 Datasheet
71Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com