Electronic Components Datasheet Search
  English  ▼

X  

HWS468 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS468
Description  GaAs DC-6 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS468 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS468 Datasheet HTML 1Page - Hexawave, Inc HWS468 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
!
!
"
#
$! %
%&'(() * +(
,-. (() * ++
6
(
9 3-./
:#
4 7
'
&
:#
4 7
,
!
1 2
?*/
:
6
" " 5
?)
5% :
!
/ @6
?( @6
5 % :
!
) @6
?
@6
"
*
$
46 " # 5
6 A ( ,
6-A( ,
B!
"
" ,
""
&
#
(
0
0
6
6
,6
,
,6
,
"
'
'
"
C DA ?*
?
C DA
?
-
-
;
<
6
(
)
/
*
*
/
/
)
, B!
71 28
;
<
6
/
*
*
*
*
/
/
)
, B!
71 28
,
,
,6
,
,
'
;
<
6
*
*
*
*
/
/
)
, B!
71 28



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com