Electronic Components Datasheet Search
  English  ▼

X  

LPC3220 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC3220
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3220 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC3220 Datasheet HTML 35Page - NXP Semiconductors LPC3220 Datasheet HTML 36Page - NXP Semiconductors LPC3220 Datasheet HTML 37Page - NXP Semiconductors LPC3220 Datasheet HTML 38Page - NXP Semiconductors LPC3220 Datasheet HTML 39Page - NXP Semiconductors LPC3220 Datasheet HTML 40Page - NXP Semiconductors LPC3220 Datasheet HTML 41Page - NXP Semiconductors LPC3220 Datasheet HTML 42Page - NXP Semiconductors LPC3220 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
39 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
There is a separate slave transmit FIFO. The slave transmit FIFO (TXS) and its level are
only available when the controller is configured as a Master/Slave device and is operating
in a multi-master environment. Separate TX FIFOs are needed in a multi-master because
a controller might have a message queued for transmission when an external master
addresses it to be come a slave-transmitter, a second source of data is needed.
Note that the I2C clock must be enabled in the I2CCLK_CTRL register before using the
I2C. The I2C clock can be disabled between communications, if used as a single master
I2C-bus interface, software has full control of when I2C communication is taking place on
the bus.
7.8.4.1
Features
• The two I2C-bus blocks are standard I2C-bus compliant interfaces that may be used in
Single-master, Multi-master or Slave modes.
• Programmable clock to allow adjustment of I2C-bus transfer rates.
• Bidirectional data transfer.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
7.8.5 I2S-bus audio controller
The I2S-bus provides a standard communication interface for digital audio applications
The I2S-bus specification defines a 3-wire serial bus using one data line, one clock line,
and one word select signal. Each I2S connection can act as a master or a slave. The
master connection determines the frequency of the clock line and all other slaves are
driven by this clock source. The two I2S-bus interfaces on the LPC3220/30/40/50 provides
a separate transmit and receive channel, providing a total of two transmit channels and
two receive channels. Each I2S channel supports monaural or stereo formatted data.
7.8.5.1
Features
• The interface has separate input/output channels each of which can operate in master
or slave mode.
• Capable of handling 8-bit, 16-bit, and 32-bit word sizes.
• Mono and stereo audio data supported.
• Supports standard sampling frequencies (8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz,
32 kHz, 44.1 kHz, 48 kHz, 96 kHz).
• Word select period can be configured in master mode (separately for I2S input and
output).
• Two eight-word FIFO data buffers are provided, one for transmit and one for receive.
• Generates interrupt requests when buffer levels cross a programmable boundary.
• Two DMA requests, controlled by programmable buffer levels. These are connected
to the GPDMA block.
• Controls include reset, stop, and mute options separately for I2S input and I2S output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com