Electronic Components Datasheet Search
  English  ▼

X  

LPC3220 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC3220
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3220 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC3220 Datasheet HTML 45Page - NXP Semiconductors LPC3220 Datasheet HTML 46Page - NXP Semiconductors LPC3220 Datasheet HTML 47Page - NXP Semiconductors LPC3220 Datasheet HTML 48Page - NXP Semiconductors LPC3220 Datasheet HTML 49Page - NXP Semiconductors LPC3220 Datasheet HTML 50Page - NXP Semiconductors LPC3220 Datasheet HTML 51Page - NXP Semiconductors LPC3220 Datasheet HTML 52Page - NXP Semiconductors LPC3220 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
49 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
Output pins and I/O pins configured as output
VO
output voltage
[10][11]
[12][13]
0-
VDD(IO)
V
VOH
HIGH-level output
voltage
1.8 V outputs; IOH = 1 mA
[14] VDD(IO)  0.4
-
-
V
3.3 V outputs; IOH = 4 mA
[14] VDD(IO)  0.4
-
-
V
VOL
LOW-level
output voltage
1.8 V outputs; IOL = 4 mA
[14] --
0.4
V
3.3 V outputs; IOL = 4 mA
[14] --
0.4
V
IOH
HIGH-level
output current
VDD(IO) = 1.8 V;
VOH = VDD(IO)  0.4 V
[10][14]
3.3
-
-
mA
VDD(IO) = 3.3 V;
VOH = VDD(IO)  0.4 V
6.5
-
-
mA
IOL
LOW-level
output current
VDD(IO) = 1.8 V; VOL = 0.4 V
[10][14] 1.5
-
-
mA
VDD(IO) = 3.3 V; VOL = 0.4 V
3
-
-
mA
IOZ
OFF-state
output current
VO = 0 V; VO =VDD(IO);
no pull-up/down
[10] --
1
A
IOHS
HIGH-level short-circuit
output current
VDD(IO) = 1.8 V; VOH = 0 V
[15] --
66
mA
VDD(IO) = 3.3 V; VOH = 0 V
-
-
183
mA
IOLS
LOW-level short-circuit
output current
VDD(IO) = 1.8 V; VOL =
VDD(IO)
[10][15] --
34
mA
VDD(IO) = 3.3 V; VOL =
VDD(IO)
--
105
mA
Zo
output impedance
VDD(IO) = 1.8 V
40
-
60
VDD(IO) = 3.3 V
40
-
60
EMC pins
VI
input voltage
[12] 0-
VDD(EMC)
V
VIH
HIGH-level input voltage 1.8 V inputs
0.7
 V
DD(EMC)
--
V
3.3 V inputs
0.7
 V
DD(EMC)
--
V
VIL
LOW-level input voltage
1.8 V inputs
-
-
0.3
 V
DD(EMC)
V
3.3 V inputs
-
-
0.3
 V
DD(EMC)
V
Vhys
hysteresis voltage
1.8 V inputs
0.4
-
0.6
V
3.3 V inputs
0.55
-
0.85
V
IIL
LOW-level
input current
VI = 0 V; no pull-up
-
-
0.3
A
IIH
HIGH-level
input current
VI = VDD(EMC); no pull-down
-
-
0.3
A
Ilatch
I/O latch-up current
(1.5V
DD(EMC)) < VI <
(1.5VDD(EMC))
--
100
mA
Ipu
pull-up current
1.8 V inputs with pull-up;
VI = 0
34
62
107
A
3.3 V inputs with pull-up;
VI = 0
97
169
271
A
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com