Electronic Components Datasheet Search
  English  ▼

X  

ST7735SV Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7735SV
Description  132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735SV Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7735SV Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 201 page
background image
ST7735SV
V 1.3
Page 30 of 201
2020-01
7.3 Power Consumption
Ta=25℃, Frame rate = 60Hz, Bare die, the registers setting are IC default setting.
Operation Mode
Image
Current Consumption
Typical
Maximum
IDDI
(mA)
IDD
(mA)
IDDI
(mA)
IDD
(mA)
Normal Mode
Note 1
0.01
0.9
0.02
2
Note 2
0.01
0.9
0.02
2
Partial + Idle Mode (40 lines)
Note 1
0.01
0.8
0.02
2
Note 2
0.01
0.8
0.02
2
Sleep-In Mode
N/A
0.005
0.015
0.01
0.03
Table 3 Power Consumption
Notes:
1. All pixels black.
2. All pixels white.
3. The Current Consumption is DC characteristics of ST7735SV
4. Typical: VDDI=1.8V, VDD=2.75V; Maximum: VDDI=1.65 to 3.7V, VDD=2.5 to 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com