Electronic Components Datasheet Search
  English  ▼

X  

ST7735SV Datasheet(PDF) 102 Page - Sitronix Technology Co., Ltd.

Part # ST7735SV
Description  132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735SV Datasheet(HTML) 102 Page - Sitronix Technology Co., Ltd.

Back Button ST7735SV Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 106Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 201 page
background image
ST7735SV
V 1.3
Page 102 of 201
2020-01
9.19.3 Chip Attachment Detection (Optional)
Sleep Out-command (See section “Sleep Out (11h)”) is a trigger for an internal function of the display module,
which indicates, if a chip or chips (e.g. driver, etc.) of the display module is/are attached to the circuit route of
a flex foil or display glass ITO.
There is inverted (= increased by 1) a bit, which is defined in command “Read Display Self- Diagnostic Result
(0Fh)” (= RDDSDR) (The used bit of this command is D5), if the chip or chips is/are attached to the circuit
route of the flex or display glass. If this chip is or those chips are not attached to the circuit route of the flex or
display glass, this bit (D5) is not inverted (= increased by 1).
The following figure is for reference purposes; how this chip attachment can be implemented e.g. there are
connected together 2 bumps via route of ITO or the flex foil on 4 corners of the driver (chip).
The flow chart for this internal function is following:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com