Electronic Components Datasheet Search
  English  ▼

X  

RF2367 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2367
Description  PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2367 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2367 Datasheet HTML 1Page - RF Micro Devices RF2367 Datasheet HTML 2Page - RF Micro Devices RF2367 Datasheet HTML 3Page - RF Micro Devices RF2367 Datasheet HTML 4Page - RF Micro Devices RF2367 Datasheet HTML 5Page - RF Micro Devices RF2367 Datasheet HTML 6Page - RF Micro Devices RF2367 Datasheet HTML 7Page - RF Micro Devices RF2367 Datasheet HTML 8Page - RF Micro Devices RF2367 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF2367
Rev A3 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.0
V
DC
Input RF Level
+10
dBm
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Overall Frequency Range
150 to 2500
MHz
Supply Voltage (VCC)2.5
6.0
V
Power Down Voltage (VPD)
2.7
2.9
V
For normal operation
0.9
V
For power down operation
Total Current Consumption
24
37
45
mA
VCC=3.0V, VPD=2.8V
10
μAVCC=3.0V, VPD<0.9V
Operating Ambient Temperature
-40
+85
oC
Input Impedance
50
Ω
Output Impedance
50
Ω
1880MHz Performance
All parameters measured from evaluation
board with T = 25°C, RF=1880MHz,
VCC=3.0V, VPD=2.8V
Gain
20
21.5
23
dB
Output IP3
+20
+24
dBm
Noise Figure
2.2
2.5
dB
Reverse Isolation
32
34
dB
Input VSWR
1.9:1
2:1
Output VSWR
1.5:1
2:1
Using External LC network used on Evaluation
Board
Output P1dB
+13
+14
+15
dBm
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com