Electronic Components Datasheet Search
  English  ▼

X  

RF2367 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2367
Description  PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2367 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2367 Datasheet HTML 1Page - RF Micro Devices RF2367 Datasheet HTML 2Page - RF Micro Devices RF2367 Datasheet HTML 3Page - RF Micro Devices RF2367 Datasheet HTML 4Page - RF Micro Devices RF2367 Datasheet HTML 5Page - RF Micro Devices RF2367 Datasheet HTML 6Page - RF Micro Devices RF2367 Datasheet HTML 7Page - RF Micro Devices RF2367 Datasheet HTML 8Page - RF Micro Devices RF2367 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
PD
GND
RF OUT
GND
GND
RF IN
1
2
3
6
4
5
RF2367
PCS CDMA/TDMA/GSM1800
3V PA DRIVER AMPLIFIER
The RF2367 is a low noise CDMA/TDMA/GSM PA driver amplifier with a very high
dynamic range designed for transmit digital PCS applications with frequency ranges
between 1700MHz and 2000MHz. The device functions as an outstanding PA
driver amplifier in the transmit chain of digital subscriber units where low transmit
noise power is a concern. The IC includes a power down feature that can be used to
completely turn off the device. The RF2367 is featured in a standard SOT23-6 plas-
tic package.
Features
Low Noise and High Intercept
Point
Adjustable Bias Current
Power Down Control
Single 2.5V to 6.0V Power Sup-
ply
150MHz to 2500MHz Operation
Extremely Small SOT23-6 Pack-
age
Applications
TDMA/CDMA/FM PCS Tx Ampli-
fier
Low Noise Transmit Driver Ampli-
fier
2.4GHz WLAN Systems
GSM1800 Driver Amplifier
General Purpose Amplification
Commercial and Consumer Sys-
tems
RF2367
PCS CDMA/TDMA/GSM1800 3V PA Driver Amplifier
RF2367PCBA-41X
Fully Assembled Evaluation Board
Rev A3 DS060925
RF2367PCS
CDMA/TDMA/
GSM1800 3V
PA Driver
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: SOT23-6


Similar Part No. - RF2367

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367PCBA RFMD-RF2367PCBA Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367PCBA-41X RFMD-RF2367PCBA-41X Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2367

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com