Electronic Components Datasheet Search
  English  ▼

X  

RF2363 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2363
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2363 Datasheet HTML 1Page - RF Micro Devices RF2363 Datasheet HTML 2Page - RF Micro Devices RF2363 Datasheet HTML 3Page - RF Micro Devices RF2363 Datasheet HTML 4Page - RF Micro Devices RF2363 Datasheet HTML 5Page - RF Micro Devices RF2363 Datasheet HTML 6Page - RF Micro Devices RF2363 Datasheet HTML 7Page - RF Micro Devices RF2363 Datasheet HTML 8Page - RF Micro Devices RF2363 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF2363
Rev B3 DS040114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
V
DC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
800 to 1000
MHz
1800 to 2000
MHz
950MHz Performance
T = 25°C, RF=950MHz, VCC=2.8V,
EN1=2.8V, EN2=0V
Gain
16
18
20
dB
Isolation
16
dB
EN1=0V
Gain Step
34
dB
Gain - Isolation
Noise Figure
1.3
dB
Output IP3
+17
+24
dBm
Input P1dB
-10
dBm
Reverse Isolation
20
dB
Input VSWR
1.8:1
2:1
No external matching
Output VSWR
1.8:1
2:1
With external match as per GSM/DCS Applica-
tion Schematic
1850MHz Performance
T = 25°C, RF=1850MHz, VCC=2.8V,
EN2=2.8V, EN1=0V
Gain
20
21.5
24
dB
Isolation
10
dB
EN2=0V
Gain Step
31.5
dB
Gain - Isolation
Noise Figure
1.4
dB
Output IP3
+16
+22
dBm
Input P1dB
-12
dBm
Reverse Isolation
30
dB
Input VSWR
1.7:1
2:1
No external matching
Output VSWR
1.7:1
2:1
With external match as per GSM/DCS Applica-
tion Schematic
LNA Select
“Enable” Voltage
VCC
V
“Disable” Voltage
0
V
Power Supply
T= 25 °C
Voltage
2.8
V
Specifications
2.5 to 5.0
V
Operating limits
Current Consumption
5
mA
900MHz LNA Enabled, 1900MHz LNA Dis-
abled; total DC current
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com