Electronic Components Datasheet Search
  English  ▼

X  

RF2363 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2363
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2363 Datasheet HTML 1Page - RF Micro Devices RF2363 Datasheet HTML 2Page - RF Micro Devices RF2363 Datasheet HTML 3Page - RF Micro Devices RF2363 Datasheet HTML 4Page - RF Micro Devices RF2363 Datasheet HTML 5Page - RF Micro Devices RF2363 Datasheet HTML 6Page - RF Micro Devices RF2363 Datasheet HTML 7Page - RF Micro Devices RF2363 Datasheet HTML 8Page - RF Micro Devices RF2363 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2363
Rev B3 DS040114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF OUT1
RF output pin for ~900MHz LNA. This pin is an open-collector output. It
must be biased to either VCC or pin 4 through a choke or matching induc-
tor. It is typically matched to 50
Ω with a shunt bias/matching inductor and
series blocking/matching capacitor. Refer to application schematics.
2GND
Ground connection.
NOTE: Ground traces on pins 2 and 7 are equivalent to a small amount of
inductance (~0.75nH). The dimensions of these lines are as follows.
Pin 2: L=56mils, W=15mils, H=31mils
Pin 7: L=56mils, W=15mils, H=31mils
Dielectric is FR-4.
3RF OUT2
RF output pin for ~1900MHz LNA. This pin is an open-collector output. It
must be biased to either VCC or pin 4 through a choke or matching induc-
tor. It is typically matched to 50
Ω with a shunt bias/matching inductor and
series blocking/matching capacitor. Refer to application schematics.
4EN1
Enable pin for ~900MHz LNA. A voltage equal to the supply voltage LNA.
This pin should be disabled (0V) when the ~1900MHz LNA is in use.
5EN2
Enable pin for ~1900MHz LNA. A voltage equal to the supply voltage LNA.
This pin should be disabled (0V) when the ~900MHz LNA is in use. See
package drawing for description of pin orientation.
See pin 3.
6RF IN2
RF input pin for ~1900MHz. This pin is matched to approximately 50
Ω at
DCS/PCS frequencies. An external AC coupling capacitor is required at this
pin.
See pin 3.
7GND
Same as pin 2.
See pin 2.
8RF IN1
RF input pin for ~900MHz. This pin is matched to approximately 50
Ω at
GSM/Cellular frequencies. An external AC coupling capacitor is required at
this pin.
See pin 1.
RF IN1
RF OUT1
To Bias
Circuits
Pin 7
Pin 2
LNA2
LNA1
RF IN2
RF OUT2
EN2
0.127
3°MAX
0°MIN
0.55
0.35
0.365
1.59
1.61
3.00
2.60
3.00
2.80
0.650
0.15
0.05
1.44
1.04
*W hen Pin 1 is in upper
left, text reads downward
(as shown).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com