Electronic Components Datasheet Search
  English  ▼

X  

RF2361 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2361
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2361 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2361 Datasheet HTML 1Page - RF Micro Devices RF2361 Datasheet HTML 2Page - RF Micro Devices RF2361 Datasheet HTML 3Page - RF Micro Devices RF2361 Datasheet HTML 4Page - RF Micro Devices RF2361 Datasheet HTML 5Page - RF Micro Devices RF2361 Datasheet HTML 6Page - RF Micro Devices RF2361 Datasheet HTML 7Page - RF Micro Devices RF2361 Datasheet HTML 8Page - RF Micro Devices RF2361 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF2361
Rev A10 DS070731
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is DC coupled and matched to 50
Ω at 836 MHz.
2GND1
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance.
3VPD
For low noise amplifier applications, this pin is used to control the bias cur-
rent. See plots for bias current settings. An external resistor (R1) can be
used to set the bias current for any VPD voltage.
For driver amplifier applications, this is the Power Down pin for the IC.
V
PD = 2.8 V +/- 0.1 V is required for proper operation. VPD<0.9 V turns off
the Part. External RF bypassing is required. The trace length between the
pin and the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane. Nominal
current required for V
PD =2.8 V is 2.0mA typical and 3.0mA Max (@
V
PD =2.9 V).
4RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be biased
to either VCC or pin 4 through a choke or matching inductor. This pin is typi-
cally matched to 50
Ω with a shunt bias/matching inductor and series
blocking/matching capacitor. Refer to application schematics.
5GND2
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance.
RF IN
RF OUT
To Bias
Circuit
PD
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com