Electronic Components Datasheet Search
  English  ▼

X  

AWR2188 Datasheet(PDF) 3 Page - Texas Instruments

Part # AWR2188
Description  AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AWR2188 Datasheet(HTML) 3 Page - Texas Instruments

  AWR2188 Datasheet HTML 1Page - Texas Instruments AWR2188 Datasheet HTML 2Page - Texas Instruments AWR2188 Datasheet HTML 3Page - Texas Instruments AWR2188 Datasheet HTML 4Page - Texas Instruments AWR2188 Datasheet HTML 5Page - Texas Instruments AWR2188 Datasheet HTML 6Page - Texas Instruments AWR2188 Datasheet HTML 7Page - Texas Instruments AWR2188 Datasheet HTML 8Page - Texas Instruments AWR2188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 Description
The AWR2188 device is an integrated single-chip FMCW transceiver capable of operation in the 76GHz
to 81GHz band. The device enables unprecedented levels of integration in an extremely small form factor.
AWR2188 is designed for low power, self-monitored, ultra-accurate radar systems in the automotive space.
The AWR2188 device is a self-contained FMCW transceiver single-chip device that simplifies the
implementation of Automotive Radar sensors in the band of 76GHz to 81GHz. The device is built on TI’s
low-power 45nm RFCMOS process, which enables a monolithic implementation of a 8TX, 8RX system with
built-in PLL and ADC converters. Simple programming model changes can enable a wide variety of sensor
implementation (Short, Mid, Long) with the possibility of dynamic reconfiguration for implementing a multimode
sensor. Additionally, the device is provided as a complete platform device including reference hardware design,
software drivers, sample configurations, API guide, and user documentation.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE
XA2188BGAPE (Tray)
APE (FCBGA, 573)
14mm x 15mm
XA2188BGAPER (Reel)
APE (FCBGA, 573)
14mm x 15mm
(1)
For more information, see Mechanical Packaging and Orderable Information.
www.ti.com
AWR2188
SLVSKO8 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AWR2188



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com