Electronic Components Datasheet Search
  English  ▼

X  

AWR2188 Datasheet(PDF) 1 Page - Texas Instruments

Part # AWR2188
Description  AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AWR2188 Datasheet(HTML) 1 Page - Texas Instruments

  AWR2188 Datasheet HTML 1Page - Texas Instruments AWR2188 Datasheet HTML 2Page - Texas Instruments AWR2188 Datasheet HTML 3Page - Texas Instruments AWR2188 Datasheet HTML 4Page - Texas Instruments AWR2188 Datasheet HTML 5Page - Texas Instruments AWR2188 Datasheet HTML 6Page - Texas Instruments AWR2188 Datasheet HTML 7Page - Texas Instruments AWR2188 Datasheet HTML 8Page - Texas Instruments AWR2188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband,
and ADC
– 76-81GHz operation with up to 4.5GHz
continuous chirp bandwidth
– Eight receive channels
– Eight transmit channels
– Ultra-accurate chirp engine based on
Fractional-N PLL
– TX power: 13.5dBm
– RX noise figure: 10dB
– Best in class linearity enabling P1dB up to
-5dBm while maintaining good noise figure
– Industry leading 8 transmitter, 8 receiver radar
front end with 2.8W power consumption
– Minimum chirp idle time of 3 μs for excellent
max velocity measurements
– Maximum chirp slope of 266MHz/μs to enable
rapid high-bandwidth measurements
– ADC Sample rate up to 66.67 MSPS for
exceptional instrumentation range distance
• Built-in calibration and self-test
– Built-in firmware (ROM)
– Self-calibrating system across process and
temperature
• Host interface
– Control interface with external processor over
SPI or I2C interface
– Data interface with external processor over
MIPI D-PHY and CSI2 v1.2
– Interrupts for Fault Reporting
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation available to aid ISO 26262
functional safety system design
– Systematic capability up to ASIL-D targeted
– Hardware capability up to ASIL-B targeted
– Safety-related certification
• ISO 26262 certification by TUV planned
• AEC-Q100 Targeted
• AWR2188 advanced features
– Embedded self-monitoring with limited Host
processor involvement
– Option of cascading multiple devices to
increase channel count
– Embedded interference detection capability
• Power management
– Built-in LDO Network for enhanced PSRR
– I/Os support dual voltage 3.3V/1.8V
• Clock source
– Supports externally driven clock (square/sine)
at 50 MHz or 40 MHz
– Supports 50 MHz or 40 MHz crystal connection
with load capacitors
• Easy hardware design
– Production proven innovative Launch on
Package (LOP) technology with easy to route
launcher positions
– 0.5mm pitch 14mm × 15mm FCCSP package
for easy assembly and low-cost PCB design
– Small solution size
• Operating Conditions
– Junction temp range: –40°C to 140°C, and –
40°C to 142°C in TX module
2 Applications
• Automated Highway Driving
• Automatic Emergency Braking
• Adaptive Cruise Control
• Imaging Radar using Cascading Configuration
AWR2188
SLVSKO8 – DECEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - AWR2188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR2188 TI2-AWR2188 Datasheet
721Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED MARCH 2026
AWR2188 TI2-AWR2188 Datasheet
725Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED SEPTEMBER 2026
AWR2188ABGAPERQ1 TI2-AWR2188ABGAPERQ1 Datasheet
725Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED SEPTEMBER 2026
AWR2188 TI2-AWR2188_V01 Datasheet
721Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED MARCH 2026
AWR2188 TI2-AWR2188_V02 Datasheet
725Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED SEPTEMBER 2026
More results

Similar Description - AWR2188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
IWR1443 TI1-IWR1443 Datasheet
1Mb / 72P
Single Chip 76- to 81-GHz mmWave Sensor
IWR1642 TI1-IWR1642 Datasheet
908Kb / 77P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1642 TI1-IWR1642_18 Datasheet
920Kb / 83P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443 TI1-IWR1443_18 Datasheet
822Kb / 71P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443_1811 TI1-IWR1443_1811 Datasheet
971Kb / 76P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1843 TI1-IWR1843 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
AWR2243 TI1-AWR2243 Datasheet
1Mb / 59P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
logo
NXP Semiconductors
TEF810X NXP-TEF810X Datasheet
972Kb / 13P
76 GHz to 81 GHz car RADAR transceiver
Rev. 1.0-10 May 2019
logo
Texas Instruments
IWR2243 TI1-IWR2243 Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com