Electronic Components Datasheet Search
  English  ▼

X  

LM4752 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4752
Description  Stereo 11W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4752 Datasheet HTML 1Page - National Semiconductor (TI) LM4752 Datasheet HTML 2Page - National Semiconductor (TI) LM4752 Datasheet HTML 3Page - National Semiconductor (TI) LM4752 Datasheet HTML 4Page - National Semiconductor (TI) LM4752 Datasheet HTML 5Page - National Semiconductor (TI) LM4752 Datasheet HTML 6Page - National Semiconductor (TI) LM4752 Datasheet HTML 7Page - National Semiconductor (TI) LM4752 Datasheet HTML 8Page - National Semiconductor (TI) LM4752 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
40V
Input Voltage
±0.7V
Output Current
Internally Limited
Power Dissipation (Note 3)
62.5W
ESD Susceptability (Note 4)
2 kV
Junction Temperature
150˚C
Soldering Information
T Package (10 sec)
250˚C
Storage Temperature
−40˚C to 150˚C
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
9V to 32V
θ
JC
2˚C/W
θ
JA
79˚C/W
Electrical Characteristics
The following specifications apply to each channel with V
CC = 24V, TA = 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4752
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
total
Total Quiescent Power Supply
Current
V
INAC = 0V, Vo = 0V, RL = ∞
10.5
20
mA(max)
7
mA(min)
P
o
Output Power (Continuous
f = 1 kHz, THD+N = 10%, R
L =8
Ω
7W
Average per Channel)
f = 1 kHz, THD+N = 10%, R
L =4
Ω
10
W(min)
V
CC = 20V, RL =8
Ω
4W
V
CC = 20V, R L =4
Ω
7W
f = 1 kHz, THD+N = 10%, R
L =4
Ω
V
S = 12V, TO-263 Pkg.
2.5
W
THD+N
Total Harmonic Distortion plus
Noise
f = 1 kHz, P
o = 1 W/ch, RL =8
Ω
0.08
%
V
OSW
Output Swing
R
L =8
Ω,V
CC = 20V
15
V
R
L =4
Ω,V
CC = 20V
14
V
X
talk
Channel Separation
See Figure 1
55
dB
f = 1 kHz, V
o = 4 Vrms, RL =8
Ω
PSRR
Power Supply Rejection Ratio
See Figure 1
50
dB
V
CC = 22V to 26V, R L =8
Ω
V
ODV
Differential DC Output Offset
Voltage
V
INAC = 0V
0.09
0.4
V(max)
SR
Slew Rate
2
V/µs
R
IN
Input Impedance
83
k
Ω
PBW
Power Bandwidth
3 dB BW at P
o = 2.5W, RL =8
Ω
65
kHz
A
VCL
Closed Loop Gain (Internally Set)
R
L =8
Ω
34
33
dB(min)
35
dB(max)
e
in
Noise
IHF-A Weighting Filter, R
L =8
Ω
0.2
mVrms
Output Referred
I
o
Output Short Circuit Current Limit
V
IN = 0.5V, R L =2
Ω
2
A(min)
Note 1: All voltages are measured with respect to the GND pin (4), unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: For operating at case temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance
of
θJC = 2˚C/W (junction to case). Refer to the section Determining the Maximum Power Dissipation in the Application Information section for more information.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Typicals are measured at 25˚C and represent the parametric norm.
Note 6: Limits are guarantees that all parts are tested in production to meet the stated values.
Note 7: The TO-263 Package is not recommended for VS > 16V due to impractical heatsinking limitations.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com