Electronic Components Datasheet Search
  English  ▼

X  

LM4752 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4752
Description  Stereo 11W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4752 Datasheet HTML 11Page - National Semiconductor (TI) LM4752 Datasheet HTML 12Page - National Semiconductor (TI) LM4752 Datasheet HTML 13Page - National Semiconductor (TI) LM4752 Datasheet HTML 14Page - National Semiconductor (TI) LM4752 Datasheet HTML 15Page - National Semiconductor (TI) LM4752 Datasheet HTML 16Page - National Semiconductor (TI) LM4752 Datasheet HTML 17Page - National Semiconductor (TI) LM4752 Datasheet HTML 18Page - National Semiconductor (TI) LM4752 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Application Information (Continued)
PREVENTING OSCILLATIONS
With the integration of the feedback and bias resistors on-
chip, the LM4752 fits into a very compact package. However,
due to the close proximity of the non-inverting input pins to
the corresponding output pins, the inputs should be AC
terminated at all times. If the inputs are left floating, the
amplifier will have a positive feedback path through high
impedance coupling, resulting in a high frequency oscillation.
In most applications, this termination is typically provided by
the previous stage’s source impedance. If the application will
require an external signal, the inputs should be terminated to
ground with a resistance of 50 k
Ω or less on the AC side of
the input coupling capacitors.
UNDERVOLTAGE SHUTDOWN
If the power supply voltage drops below the minimum oper-
ating supply voltage, the internal under-voltage detection
circuitry pulls down the half-supply bias line, shutting down
the preamp section of the LM4752. Due to the wide operat-
ing supply range of the LM4752, the threshold is set to just
under 9V. There may be certain applications where a higher
10003930
FIGURE 5. Bridge-Mode Application
10003931
10003937
FIGURE 6. THD+N vs. P
OUT for Bridge-Mode Application
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com