Electronic Components Datasheet Search
  English  ▼

X  

LM4755 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4755
Description  Stereo 11W Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4755 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4755 Datasheet HTML 10Page - National Semiconductor (TI) LM4755 Datasheet HTML 11Page - National Semiconductor (TI) LM4755 Datasheet HTML 12Page - National Semiconductor (TI) LM4755 Datasheet HTML 13Page - National Semiconductor (TI) LM4755 Datasheet HTML 14Page - National Semiconductor (TI) LM4755 Datasheet HTML 15Page - National Semiconductor (TI) LM4755 Datasheet HTML 16Page - National Semiconductor (TI) LM4755 Datasheet HTML 17Page - National Semiconductor (TI) LM4755 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Typical Performance Characteristics(Note 5) (Continued)
Power Dissipation vs Output Power
Power Dissipation vs Output Power
10005960
10005961
Application Information
The LM4755 contains circuitry to pull down the bias line
internally, effectively shutting down the input stage. An ex-
ternal R-C should be used to adjust the timing of the pull-
down. If the bias line is pulled down too quickly, currents
induced in the internal bias resistors will cause a momentary
DC voltage to appear across the inputs of each amplifier’s
internal differential pair, resulting in an output DC shift to-
wards Vsupply. An R-C timing circuit should be used to limit
the pull-down time such that output “pops” and signal
feedthroughs will be minimized. The pull-down timing is a
function of a number of factors, including the internal mute
circuitry, the voltage used to activate the mute, the bias
capacitor, the half-supply voltage, and internal resistances
used in the half-supply generator. Table 1 shows a list of
recommended values for the external R-C.
TABLE 1. Recommended Values for Mute Circuit
V
MUTE
V
CC
Rm
Cm
5V
12V
18 k
Ω
10 µF
5V
15V
18 k
Ω
10 µF
5V
20V
12 k
Ω
10 µF
5V
24V
12 k
Ω
10 µF
5V
28V
8.2 k
Ω
10 µF
5V
30V
8.2 k
Ω
10 µF
CAPACITOR SELECTION AND FREQUENCY
RESPONSE
With the LM4755, as in all single supply amplifiers, AC
coupling capacitors are used to isolate the DC voltage
present at the inputs (pins 3, 7) and outputs (pins 1, 8). As
mentioned earlier in the External Components section
these capacitors create high-pass filters with their corre-
sponding input/output impedances. The Typical Applica-
tion Circuit shown in Figure 1 shows input and output
capacitors of 0.1 µF and 1,000 µF respectively. At the input,
with an 83 k
Ω typical input resistance, the result is a high
pass 3 dB point occurring at 19 Hz. There is another high
pass filter at 39.8 Hz created with the output load resistance
of 4
Ω. Careful selection of these components is necessary to
ensure that the desired frequency response is obtained. The
Frequency Response curves in the Typical Performance
Characteristics section show how different output coupling
capacitors affect the low frequency roll-off.
OPERATING IN BRIDGE-MODE
Though designed for use as a single-ended amplifier, the
LM4755 can be used to drive a load differentially (bridge-
mode). Due to the low pin count of the package, only the
non-inverting inputs are available. An inverted signal must
be provided to one of the inputs. This can easily be done with
the use of an inexpensive op-amp configured as a standard
inverting amplifier. An LF353 is a good low-cost choice. Care
must be taken, however, for a bridge-mode amplifier must
theoretically dissipate four times the power of a single-ended
type. The load seen by each amplifier is effectively half that
of the actual load being used, thus an amplifier designed to
drive a 4
Ω load in single-ended mode should drive an 8Ω
load when operating in bridge-mode.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com