Electronic Components Datasheet Search
  English  ▼

X  

LM4755 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4755
Description  Stereo 11W Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4755 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4755 Datasheet HTML 13Page - National Semiconductor (TI) LM4755 Datasheet HTML 14Page - National Semiconductor (TI) LM4755 Datasheet HTML 15Page - National Semiconductor (TI) LM4755 Datasheet HTML 16Page - National Semiconductor (TI) LM4755 Datasheet HTML 17Page - National Semiconductor (TI) LM4755 Datasheet HTML 18Page - National Semiconductor (TI) LM4755 Datasheet HTML 19Page - National Semiconductor (TI) LM4755 Datasheet HTML 20Page - National Semiconductor (TI) LM4755 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Application Information (Continued)
1.5 x 1.5 in. sq.
20–27˚C/W
(T
A=28˚C, Sine wave
testing, 1 oz. Copper)
2 x 2 in. sq.
16–23˚C/W
The above values for
θ
SA vary widely due to dimensional
proportions (i.e. variations in width and length will vary
θ
SA).
For audio applications, where peak power levels are short in
duration, this part will perform satisfactory with less
heatsinking/copper clad area. As with any high power design
proper bench testing should be undertaken to assure the
design can dissipate the required power. Proper bench test-
ing requires attention to worst case ambient temperature
and air flow. At high power dissipation levels the part will
show a tendency to increase saturation voltages, thus limit-
ing the undistorted power levels.
DETERMINING MAXIMUM POWER DISSIPATION
For a single-ended class AB power amplifier, the theoretical
maximum power dissipation point is a function of the supply
voltage, V
S, and the load resistance, RL and is given by the
following equation:
(single channel)
P
DMAX (W)=[VS
2 /(2 •
π2 • R
L)]
The above equation is for a single channel class-AB power
amplifier. For dual amplifiers such as the LM4755, the equa-
tion for calculating the total maximum power dissipated is:
(dual channel)
P
DMAX (W)=2 • [VS
2 /(2 •
π2 • R
L)]
or
V
S
2 /(
π2 • R
L)
(Bridged Outputs)
P
DMAX (W) = 4[VS
2 /(2
π2 • R
L)]
HEATSINK DESIGN EXAMPLE
Determine the system parameters:
V
S = 24V
Operating Supply Voltage
R
L =4
Ω
Minimum Load Impedance
T
A = 55˚C
Worst Case Ambient Temperature
Device parameters from the datasheet:
T
J = 150˚C
Maximum Junction Temperature
θ
JC = 2˚C/W
Junction-to-Case Thermal Resistance
Calculations:
2
• P
DMAX =2 • [VS
2 /2 •
π2 • R
L)] = (24V)
2 /(2 •
π2 • 4Ω)
= 14.6W
θ
SA
≤ [(T
J-TA)/PDMAX]-
θ
JC–
θ
CS = [ (150˚C - 55˚C) / 14.6W]
- 2˚C/W–0.2˚C/W = 4.3˚C/W
Conclusion: Choose a heatsink with
θ
SA
≤ 4.3˚C/W.
TO-263 HEATSINK DESIGN EXAMPLES
Example 1: (Stereo Single-Ended Output)
Given:
T
A=30˚C
T
J=150˚C
R
L=4
Ω
V
S=12V
θ
JC=2˚C/W
P
DMAX from PD vs PO Graph:
P
DMAX
≈ 3.7W
Calculating P
DMAX:
P
DMAX =VCC
2/(
π2R
L) = (12V)
2/
π2(4Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < TJ −TA /PDMAX −
θ
JC −
θ
CS
θ
SA < 120˚C/3.7W − 2.0˚C/W − 0.2˚C/W = 30.2˚C/W
Therefore the recommendation is to use 1.5 x 1.5 square
inch of single-sided copper clad.
Example 2: (Stereo Single-Ended Output)
Given:
T
A=50˚C
T
J=150˚C
R
L=4
Ω
V
S=12V
θ
JC=2˚C/W
P
DMAX from PD vs PO Graph:
P
DMAX
≈ 3.7W
Calculating P
DMAX:
P
DMAX =VCC
2/(
π2R
L)= (12V)
2/(
π2(4Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(TJ −TA)/PDMAX]−
θ
JC −
θ
CS
θ
SA < 100˚C/3.7W − 2.0˚C/W − 0.2˚C/W = 24.8˚C/W
Therefore the recommendation is to use 2.0 x 2.0 square
inch of single-sided copper clad.
Example 3: (Bridged Output)
Given:
T
A=50˚C
T
J=150˚C
R
L=8
Ω
V
S=12V
θ
JC=2˚C/W
Calculating P
DMAX:
P
DMAX = 4[VCC
2/(2
π2R
L)] = 4(12V)
2/(2
π2(8Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(TJ −TA)/PDMAX]−
θ
JC −
θ
CS
θ
SA < 100˚C / 3.7W − 2.0˚C/W − 0.2˚C/W = 24.8˚C/W
Therefore the recommendation is to use 2.0 x 2.0 square
inch of single-sided copper clad.
LAYOUT AND GROUND RETURNS
Proper PC board layout is essential for good circuit perfor-
mance. When laying out a PC board for an audio power
amplifier, particular attention must be paid to the routing of
the output signal ground returns relative to the input signal
and bias capacitor grounds. To prevent any ground loops,
the ground returns for the output signals should be routed
separately and brought together at the supply ground. The
input signal grounds and the bias capacitor ground line
should also be routed separately. The 0.1 µF high frequency
supply bypass capacitor should be placed as close as pos-
sible to the IC.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com