Electronic Components Datasheet Search
  English  ▼

X  

SIC641DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC641DB
Description  55 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC641DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC641DB Datasheet HTML 8Page - Vishay Siliconix SIC641DB Datasheet HTML 9Page - Vishay Siliconix SIC641DB Datasheet HTML 10Page - Vishay Siliconix SIC641DB Datasheet HTML 11Page - Vishay Siliconix SIC641DB Datasheet HTML 12Page - Vishay Siliconix SIC641DB Datasheet HTML 13Page - Vishay Siliconix SIC641DB Datasheet HTML 14Page - Vishay Siliconix SIC641DB Datasheet HTML 15Page - Vishay Siliconix SIC641DB Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SiC641, SiC641A
www.vishay.com
Vishay Siliconix
S19-0864-Rev. A, 21-Oct-2019
13
Document Number: 77191
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Step 7: Adding Thermal Relief Vias
1. Thermal relief Vias can be added on the VIN and GND
pads to utilize inner layers for high current and thermal
dissipation
2. To achieve better thermal performance, additional Vias
can be put on VIN plane and PGND plane
3. VSWH pad is a noise source and not recommended to put
Vias on this plane
4. 8 mil drill for pads and 10 mils drill for plane can be the
optional Via size with 40 mils pitch. The Vias on pad may
drain solder during assembly and cause assembly issue.
Please consult with the assembly house for guideline
Step 8: Ground Connection
1. It
is
recommended
to
make
single
connection
between AGND and PGND and this connection can be
done on top layer
2. It is recommended to make the whole inner 1 layer
(next to top layer) ground plane and separate them into
AGND and PGND plane
3. These ground planes provide shielding between noise
source on top layer and signal trace on bottom layer
V
IN plane
P
GND
plane
V
SWH
P
GND
V
IN
A
GND
V
SWH
P
GND
A
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com