Electronic Components Datasheet Search
  English  ▼

X  

SIC641DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC641DB
Description  55 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC641DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC641DB Datasheet HTML 1Page - Vishay Siliconix SIC641DB Datasheet HTML 2Page - Vishay Siliconix SIC641DB Datasheet HTML 3Page - Vishay Siliconix SIC641DB Datasheet HTML 4Page - Vishay Siliconix SIC641DB Datasheet HTML 5Page - Vishay Siliconix SIC641DB Datasheet HTML 6Page - Vishay Siliconix SIC641DB Datasheet HTML 7Page - Vishay Siliconix SIC641DB Datasheet HTML 8Page - Vishay Siliconix SIC641DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SiC641, SiC641A
www.vishay.com
Vishay Siliconix
S19-0864-Rev. A, 21-Oct-2019
2
Document Number: 77191
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - Pin Configuration
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1PWM
PWM input
2
ZCD_EN#
The ZCD_EN# pin enables or disables diode emulation. When ZCD_EN# is LOW, diode emulation is
allowed. When ZCD_EN# is HIGH, continuous conduction mode is forced. ZCD_EN# can also be put
in a high impedance mode by floating the pin. If ZCD_EN# is floating, the device shuts down and
consumes typically 3 μA (10 μA max.) current
3
N.C.
Not connected
5
BOOT
High side driver bootstrap voltage
4, 32
CGND
Analog ground
6VIN_S
Over current protection input voltage, connect this pin to power stage input voltage
7
PHASE
Return path of high side gate driver
8 to 11, 34
VIN
Power stage input voltage. Drain of high side MOSFET
12 to 15, 28, 35
PGND
Power ground
16 to 26
VSWH
Phase node of the power stage
27, 33
GL
Low side MOSFET gate signal
29
VCC
Supply voltage
30
TMON/FAULT
Temperature monitor output, FAULT flag output
31
DSBL#
Disable input, active low
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
OPTION
SiC641CD-T1-GE3
PowerPAK MLP55-31L
SiC641
5 V PWM optimized
SiC641ACD-T1-GE3
SiC641A
3.3 V PWM optimized
SiC641DB
Reference board
SiC641ADB
C
GND
BOOT
PHASE
V
IN
V
IN_S
PWM
ZCD_EN#
N.C.
Bottom view
Top view
2
1
4
3
6
5
8
7
C
GND
BOOT
PHASE
V
IN
V
IN_S
PWM
ZCD_EN#
N.C.
2
1
4
3
6
5
8
7
15
14
13
12
11
10
915 14 13 12
11 10
9
24 25 26 27 28 29 30 31
V
SWH 23
33
GL
V
SWH 22
V
SWH 21
V
SWH 20
V
SWH 19
V
SWH 18
V
SWH 17
V
SWH 16
23 V
SWH
22 V
SWH
21 V
SWH
20 V
SWH
19 V
SWH
16 V
SWH
18 V
SWH
17 V
SWH
35
P
GND
34
V
IN
32
C
GND
GL
24
25
26
27
28
29
30
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com