Electronic Components Datasheet Search
  English  ▼

X  

LM4873 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4873
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4873_02 Datasheet HTML 2Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 3Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 4Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 5Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 6Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 7Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 8Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 9Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical Characteristics for Single-Ended Operation (Notes 3, 15) (Continued)
Note 18: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 19: Output power is measured at the device terminals.
Note 20: When driving 3
Ω or 4Ω loads and operating on a 5V supply, the LM4873LQ must be mounted to a circuit board that has a minimum of 2.5in2 of exposed,
uninterrupted copper area connected to the LLP package’s exposed DAP.
Typical Performance Characteristics
MTE (20-pin) and LQ (24-pin) Specific Characteristics
LM4873MTE, LM4873LQ
THD+N vs Output Power
LM4873MTE, LM4873LQ
THD+N vs Frequency
10099333
10099334
LM4873MTE, LM4873LQ
THD+N vs Output Power
LM4873MTE, LM4873LQ
Power Dissipation vs Power Output
10099336
10099390
LM4873MTE (Note 21)
Power Derating Curve
LM4873LQ
Power Derating Curve
10099395
10099356
Note 21: This curve shows the LM4873MTE’s and the LM4873LQ’s thermal dissipation ability at different ambient temperatures given these conditions:
500LFPM + JEDEC board: The part is soldered to a 1S2P 20-lead exposed-DAP TSSOP test board with 500 linear feet per minute of forced-air flow across it.
Board information - copper dimensions: 74x74mm, copper coverage: 100% (buried layer) and 12% (top/bottom layers), 16 vias under the exposed-DAP.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com