Electronic Components Datasheet Search
  English  ▼

X  

LM4873 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4873
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4873_02 Datasheet HTML 6Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 7Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 8Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 9Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 10Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 11Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 12Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 13Page - National Semiconductor (TI) LM4873_02 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical Performance Characteristics (Continued)
Output Power vs
Supply Voltage
Output Power vs
Supply Voltage
10099309
10099310
Output Power vs
Supply Voltage
Output Power vs
Load Resistance
10099311
10099312
Output Power vs
Load Resistance
LM4873IBL Stereo Output Power
vs Power Dissipation
10099313
10099355
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com