Electronic Components Datasheet Search
  English  ▼

X  

2SC4083 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4083
Description  High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4083 Datasheet(HTML) 1 Page - Rohm

  2SC4083 Datasheet HTML 1Page - Rohm 2SC4083 Datasheet HTML 2Page - Rohm 2SC4083 Datasheet HTML 3Page - Rohm 2SC4083 Datasheet HTML 4Page - Rohm 2SC4083 Datasheet HTML 5Page - Rohm 2SC4083 Datasheet HTML 6Page - Rohm 2SC4083 Datasheet HTML 7Page - Rohm 2SC4083 Datasheet HTML 8Page - Rohm 2SC4083 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SC4083
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
Datasheet
l
lOutline
Parameter
Value
  SOT-323
 
  SC-70
 
VCEO
11V
 
 
IC
50mA
 
 
UMT3
 
                     
l
lFeatures
l
lInner circuit
1)High transition frequency.(Typ.fT=3.2GHz)
2)Small rbb'・Cc and high gain.(Typ.4ps)
3)Small NF
l
lApplication
UHF/VHF FREQUENCY CONVERTER, LOCAL OSCILLATOR
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SC4083
SOT-323
(UMT3)
2021
T106
180
8
3000
1D
l
lNotice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/6
20150909 - Rev.002


Similar Part No. - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4083 ROHM-2SC4083 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4083 ROHM-2SC4083 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4083 ROHM-2SC4083 Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Weitron Technology
2SC4083 WEITRON-2SC4083 Datasheet
774Kb / 4P
NPN Silicon Transistor
logo
Foshan Blue Rocket Elec...
2SC4083 FOSHAN-2SC4083 Datasheet
580Kb / 5P
Silicon NPN transistor in a SOT-323 Plastic Package
More results

Similar Description - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Cystech Electonics Corp...
BTC3838N3 CYSTEKEC-BTC3838N3 Datasheet
155Kb / 4P
High Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Rohm
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com