Electronic Components Datasheet Search
  English  ▼

X  

2SC4083 Datasheet(PDF) 5 Page - Rohm

Part # 2SC4083
Description  High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4083 Datasheet(HTML) 5 Page - Rohm

  2SC4083 Datasheet HTML 1Page - Rohm 2SC4083 Datasheet HTML 2Page - Rohm 2SC4083 Datasheet HTML 3Page - Rohm 2SC4083 Datasheet HTML 4Page - Rohm 2SC4083 Datasheet HTML 5Page - Rohm 2SC4083 Datasheet HTML 6Page - Rohm 2SC4083 Datasheet HTML 7Page - Rohm 2SC4083 Datasheet HTML 8Page - Rohm 2SC4083 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC4083
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.9 Capacitance vs. Reverse Bias Voltage
Fig.10 Collector to base time constance
    vs. collector current
Fig.11 Noise factor vs.collector current
    characteristics
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
5/6
20150909 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com