Electronic Components Datasheet Search
  English  ▼

X  

LM4876 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4876
Description  1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4876 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4876 Datasheet HTML 1Page - National Semiconductor (TI) LM4876 Datasheet HTML 2Page - National Semiconductor (TI) LM4876 Datasheet HTML 3Page - National Semiconductor (TI) LM4876 Datasheet HTML 4Page - National Semiconductor (TI) LM4876 Datasheet HTML 5Page - National Semiconductor (TI) LM4876 Datasheet HTML 6Page - National Semiconductor (TI) LM4876 Datasheet HTML 7Page - National Semiconductor (TI) LM4876 Datasheet HTML 8Page - National Semiconductor (TI) LM4876 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM4876
1.1W Audio Power Amplifier with Logic Low Shutdown
General Description
The LM4876 is a single 5V supply bridge-connected audio
power amplifier capable of delivering 1.1W (typ) of continu-
ous average power to an 8
Ω load with 0.5% THD+N.
Like other audio amplifiers in the Boomer series, the LM4876
is designed specifically to provide high quality output power
with a minimal amount of external components. The LM4876
does not require output coupling capacitors, bootstrap ca-
pacitors, or snubber networks. It is perfectly suited for low-
power portable systems.
The LM4876 features an active low externally controlled,
micro-power shutdown mode. Additionally, the LM4876 fea-
tures an internal thermal shutdown protection mechanism.
For PCB space efficiency, the LM4876 is available in MSOP
and SO surface mount packages.
The unity-gain stable LM4876’s closed loop gain is set using
external resistors.
Key Specifications
j THD+N at 1kHz for 1W continuous
average output power into 8
Ω
0.5% (max)
j Output power at 1kHz into 8
Ω
with 10% THD+N
1.5W (typ)
j Shutdown current
0.01µA (typ)
j Supply voltage range
2.0V to 5.5V
Features
n
Does not require output coupling capacitors, bootstrap
capacitors, or snubber circuits
n
10-pin MSOP and 8-pin SO packages
n
Unity-gain stable
n
External gain set
Applications
n
Mobile Phones
n
Portable Computers
n
Desktop Computers
n
Low-Voltage Audio Systems
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
10129901
FIGURE 1. Typical LM4876 Audio Amplifier Application Circuit.
Numbers in ( ) are specific to the 10-pin MSOP package
March 2003
© 2003 National Semiconductor Corporation
DS101299
www.national.com


Similar Part No. - LM4876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Texas Instruments
LM4876 TI-LM4876 Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876 TI-LM4876 Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876 TI-LM4876 Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876 TI2-LM4876 Datasheet
967Kb / 24P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
REVISED MAY 2013
More results

Similar Description - LM4876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4876MM TI-LM4876MM Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
1.1W Audio Power Amplifier with Shutdown Mode
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com