Electronic Components Datasheet Search
  English  ▼

X  

LM4876 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4876
Description  1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4876 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4876 Datasheet HTML 4Page - National Semiconductor (TI) LM4876 Datasheet HTML 5Page - National Semiconductor (TI) LM4876 Datasheet HTML 6Page - National Semiconductor (TI) LM4876 Datasheet HTML 7Page - National Semiconductor (TI) LM4876 Datasheet HTML 8Page - National Semiconductor (TI) LM4876 Datasheet HTML 9Page - National Semiconductor (TI) LM4876 Datasheet HTML 10Page - National Semiconductor (TI) LM4876 Datasheet HTML 11Page - National Semiconductor (TI) LM4876 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Information (Continued)
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
The following are the desired operational parameters:
Power Output
1W
RMS
Load Impedance
8
Ω
Input Level
1V
RMS
Input Impedance
20k
Ω
Bandwidth
100Hz–20kHz ± 0.25dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Char-
acteristics section. Another way, using Equation (8), is to
calculate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be
added to the result obtained by Equation (8). This results in
Equation (9).
(8)
V
CC
≥ (V
OUTPEAK +(VODTOP +VODBOT))
(9)
The Output Power vs Supply Voltage graph for an 8
Ω load
indicates a minimum supply voltage of 4.6V. This is easily
met by the commonly used 5V supply voltage. The additional
voltage creates the benefit of headroom, allowing the
LM4876 to produce peak output power in excess of 1W
without clipping or other audible distortion. The choice of
supply voltage must also not create a violation of maximum
power dissipation as explained above in the Power Dissi-
pation section.
After satisfying the LM4876’s power dissipation require-
ments, the minimum differential gain is found using Equation
(10).
(10)
Thus, a minimum gain of 2.83 allows the LM4876’s to reach
full output swing and maintain low noise and THD+N perfor-
mance. For this example, let A
VD =3.
The amplifier’s overall gain is set using the input (R
i) and
feedback (R
f) resistors. With the desired input impedance
set at 20k
Ω, the feedback resistor is found using Equation
(11).
R
f/Ri =AVD/2
(11)
The value of R
f is 30k
Ω.
The last step in this design example is setting the amplifier’s
-3dB low frequency bandwidth. To achieve the desired
±0.25dB pass band magnitude variation limit, the low fre-
quency response must extend to at least one-fifth the lower
bandwidth limit and the high frequency response must ex-
tend to at least five times the upper bandwidth limit. The
results is an
f
L = 100 Hz/5 = 20Hz
and an
F
H = 20 kHz*5 = 100kHz
As mentioned in the External Components section, R
i and Ci
create a highpass filter that sets the amplifier’s lower band-
pass frequency limit. Find the coupling capacitor’s value
using Equation (12).
Ci
≥ 1/(2πRif
L)
(12)
The result is
1/(2
π*20kΩ*20Hz) = 0.398µF.
Use a 0.39µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain, A
VD, determines the
upper passband response limit. With A
VD = 3 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
150kHz. This is less than the LM4876’s 4MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain and avoid performance-restricting
bandwidth limitations.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com