Electronic Components Datasheet Search
  English  ▼

X  

OP297 Datasheet(PDF) 8 Page - Analog Devices

Part # OP297
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP297 Datasheet HTML 4Page - Analog Devices OP297 Datasheet HTML 5Page - Analog Devices OP297 Datasheet HTML 6Page - Analog Devices OP297 Datasheet HTML 7Page - Analog Devices OP297 Datasheet HTML 8Page - Analog Devices OP297 Datasheet HTML 9Page - Analog Devices OP297 Datasheet HTML 10Page - Analog Devices OP297 Datasheet HTML 11Page - Analog Devices OP297 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP297
Rev. F | Page 8 of 16
FREQUENCY (Hz)
1000
0.001
100
10
0.01
0.1
1
100
1k
10k
100k
1M
10
TA = 25°C
VS = ±15V
–40
–20
0
20
40
60
100
80
1k
10k
100k
1M
10M
100
FREQUENCY (Hz)
GAIN
PHASE
TA = –55°C
TA = +125°C
VS = ±15V
CL = 30pF
RL = 1MΩ
Figure 23. Open-Loop Gain, Phase vs. Frequency
Figure 25. Open-Loop Output Impedance vs. Frequency
LOAD CAPACITANCE (pF)
0
0
100
10
20
30
40
50
60
70
1000
10000
TA = 25°C
VS = ±15V
AVCL = +1
VOUT = 100mV p-p
–EDGE
+EDGE
Figure 24. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com