Electronic Components Datasheet Search
  English  ▼

X  

OP297 Datasheet(PDF) 9 Page - Analog Devices

Part # OP297
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP297 Datasheet HTML 5Page - Analog Devices OP297 Datasheet HTML 6Page - Analog Devices OP297 Datasheet HTML 7Page - Analog Devices OP297 Datasheet HTML 8Page - Analog Devices OP297 Datasheet HTML 9Page - Analog Devices OP297 Datasheet HTML 10Page - Analog Devices OP297 Datasheet HTML 11Page - Analog Devices OP297 Datasheet HTML 12Page - Analog Devices OP297 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP297
Rev. F | Page 9 of 16
APPLICATIONS INFORMATION
5µs
20mV
10
0%
100
90
Extremely low bias current over a wide temperature range
makes the OP297 attractive for use in sample-and-hold
amplifiers, peak detectors, and log amplifiers that must operate
over a wide temperature range. Balancing input resistances is
unnecessary with the OP297. Offset voltage and TCVOS are
degraded only minimally by high source resistance, even
when unbalanced.
The input pins of the OP297 are protected against large differen-
tial voltage by back-to-back diodes and current-limiting resistors.
Common-mode voltages at the inputs are not restricted and can
vary over the full range of the supply voltages used.
Figure 28. Large Signal Transient Response (A
= 1)
The OP297 requires very little operating headroom about the
supply rails and is specified for operation with supplies as low as
2 V. Typically, the common-mode range extends to within 1 V
of either rail. The output typically swings to within 1 V of the
rails when using a 10 kΩ load.
VCL
UNITY-GAIN FOLLOWER
–
+
1/2
OP297
INVERTING AMPLIFIER
–
+
1/2
OP297
MINI-DIP
BOTTOM VIEW
8
B
1
A
NONINVERTING AMPLIFIER
–
+
1/2
OP297
AC PERFORMANCE
The ac characteristics of the OP297 are highly stable over its full
operating temperature range. Unity gain small signal response is
shown in Figure 26. Extremely tolerant of capacitive loading on
the output, the OP297 displays excellent response with 1000 pF
loads (see Figure 27).
10
100
90
0%
10
20mV
5µs
Figure 29. Guard Ring Layout and Considerations
GUARDING AND SHIELDING
To maintain the extremely high input impedances of the
OP297, care is taken in circuit board layout and manufacturing.
Board surfaces must be kept scrupulously clean and free of
moisture. Conformal coating is recommended to provide a
humidity barrier. Even a clean PC board can have 100 pA of
leakage currents between adjacent traces, so guard rings should
be used around the inputs. Guard traces operate at a voltage
close to that on the inputs, as shown in
Figure 26. Small Signal Transient Response (CLOAD = 100 pF, A
= 1)
VCL
5µs
20mV
10
0%
100
90
Figure 29, to minimize
leakage currents. In noninverting applications, the guard ring
should be connected to the common-mode voltage at the
inverting input. In inverting applications, both inputs remain at
ground, so the guard trace should be grounded. Guard traces
should be placed on both sides of the circuit board.
Figure 27. Small Signal Transient Response (CLOAD = 1000 pF, A
= 1)
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com