Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA193V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA193V2
Description  15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA193V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA193V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Universal AC Main Input voltage range : 90 VAC to 264 VAC
•
Output range: 5 V - 3 A continuous operation
•
Constant voltage (CV) and constant current (CC) operation with CC primary
sensing
•
Input power in standby < 10 mW at 230 VAC
•
Average efficiency: > 81.84%, complies with EuCoC rev. 5 – Tier 2 and EPS of
DOE USA
•
EMI: According to EN55022-Class
•
Small form factor: (44 x 35 x 15 mm)
•
RoHS compliant
•
WEEE compliant
Description
The STEVAL-ISA193V2 evaluation board implements a 15 W USB adapter with
primary sensing CC feature, based on the STCH02 current mode controller designed
for offline quasi-resonant flyback converters, capable of providing constant output
current (CC) regulation using primary-sensing feedback.
The IC embeds a 650 V, non-dissipative, HV startup cell, which, along with the
extremely low quiescent current and burst-mode management, helps minimize
residual input consumption, thus achieving less than 10 mW under no-load
conditions.
The adapter is designed to meet the most stringent energy saving recommendations
(EuCoC rev. 5 – Tier 2 and EPS of DOE USA) as well as EN55022-Class-B
Conducted noise emissions.
The extremely small form factor and the output USB connector makes this reference
design suitable for small USB chargers and adapters for mobile phones, tablets and
other hand held equipment
Product summary
15 W, 5 V - 3 A
output CC primary
sensing USB
adapter based on
STCH02
STEVAL-ISA193V2
Offline PWM quasi
resonant controller
for ultra-low standby
power supplies
STCH02
N-channel 800 V,
0.95 Ohm typ., 6 A
MDmesh K5 Power
MOSFET in DPAK
package
STD7N80K5
Field effect rectifier
FERD20U60DJFD
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
STEVAL-ISA193V2
Data brief
DB3752 - Rev 1 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-ISA193V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA193V1 STMICROELECTRONICS-STEVAL-ISA193V1 Datasheet
270Kb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
02-Aug-2016
More results

Similar Description - STEVAL-ISA193V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-ISA193V1 STMICROELECTRONICS-STEVAL-ISA193V1 Datasheet
270Kb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
02-Aug-2016
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-SMACH15V1 STMICROELECTRONICS-STEVAL-SMACH15V1 Datasheet
235Kb / 5P
15 W 5 V output USB adapter evaluation board with STCH03 CC-mode primary sensing switching controller
Rev 1 - June 2018
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
12 V - 400 W adapter based on L4985A, L6699 and SRK2001
05-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com