Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA193V2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-ISA193V2
Description  15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA193V2 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-ISA193V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA193V2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Table 2. Efficiency at 10% of the rated output load
Input voltage
Efficiency
115 VAC
80.44 %
230 VAC
76.51 %
EU Code of Conduct rev. 5 – Tier 2 limit : 72.48%
Table 3. No load consumptions
Input voltage
Input power
115 VAC
7.3 mW
230 VAC
7.5 mW
STEVAL-ISA193V2
DB3752 - Rev 1
page 4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com