Electronic Components Datasheet Search
  English  ▼

X  

MA800GQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MA800GQ
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800GQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MA800GQ Datasheet HTML 1Page - Monolithic Power Systems MA800GQ Datasheet HTML 2Page - Monolithic Power Systems MA800GQ Datasheet HTML 3Page - Monolithic Power Systems MA800GQ Datasheet HTML 4Page - Monolithic Power Systems MA800GQ Datasheet HTML 5Page - Monolithic Power Systems MA800GQ Datasheet HTML 6Page - Monolithic Power Systems MA800GQ Datasheet HTML 7Page - Monolithic Power Systems MA800GQ Datasheet HTML 8Page - Monolithic Power Systems MA800GQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
3
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply voltage ............................ -0.5V to +4.6V
Input pin voltage (VI) ................... -0.5V to +6.0V
Output pin voltage (VO) ............... -0.5V to +4.6V
Continuous power dissipation (TA = +25°C)
(2)
..................................................................2.0W
Junction temperature ............................... 125°C
Lead temperature .................................... 260°C
Storage temperature.................. -65°C to 150°C
Thermal Resistance
(3)
θJA
θJC
QFN-16 (3mmx3mm) ............ 50....... 12 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com