Electronic Components Datasheet Search
  English  ▼

X  

MA800GQ Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MA800GQ
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800GQ Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MA800GQ Datasheet HTML 7Page - Monolithic Power Systems MA800GQ Datasheet HTML 8Page - Monolithic Power Systems MA800GQ Datasheet HTML 9Page - Monolithic Power Systems MA800GQ Datasheet HTML 10Page - Monolithic Power Systems MA800GQ Datasheet HTML 11Page - Monolithic Power Systems MA800GQ Datasheet HTML 12Page - Monolithic Power Systems MA800GQ Datasheet HTML 13Page - Monolithic Power Systems MA800GQ Datasheet HTML 14Page - Monolithic Power Systems MA800GQ Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
11
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 7: SPI Timing Diagram
Figure 8: Minimum Idle Time
Table 3: SPI Timing
Parameter
(6)
Description
Min
Max
Unit
tidleAngle
Idle time between two subsequent angle transmissions
150
ns
tidleReg
Idle time before and after a register readout
750
ns
tnvm
Idle time between a write command and a register readout
(delay necessary for non-volatile memory update)
20
ms
tcsL
Time between CS falling edge and SCLK falling edge
80
ns
tsclk
SCLK period
40
ns
tsclkL
Low level of SCLK signal
20
ns
tsclkH
High level of SCLK signal
20
ns
tcsH
Time between SCLK rising edge and CS rising edge
25
ns
tMISO
SCLK setting edge to data output valid
15
ns
tMOSI
Data input valid to SCLK reading edge
15
ns
NOTE:
6) All values are guaranteed by design.
X
hi-Z
MSB
MSB
LSB
hi-Z
CS
SCLK
MOSI
MISO
LSB
t
idleAngle
t
idleReg
t
nvm
t
csL
t
sclk
t
MISO
t
MOSI
t
sclkL
t
sclkH
t
csH
t
MISO
t
MISO
MSB
MSB
X
CS
MISO
MOSI
t
idleAngle
Angle
Angle
Angle
Reg Value
Read Reg Cmd
t
idleReg
t
nvm
Angle
Angle
Angle
Write Reg Cmd
0
0
0
0
0
Reg Value
0
t
idleReg
Angle
t
idleReg
0
t
idleAngle
t
idleAngle
t
idleAngle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com