Electronic Components Datasheet Search
  English  ▼

X  

MAQ473 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MAQ473
Description  9-Bit to 14-Bit, MagAlpha Automotive Angle Sensor with ABZ Incremental and PWM Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MAQ473 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MAQ473 Datasheet HTML 8Page - Monolithic Power Systems MAQ473 Datasheet HTML 9Page - Monolithic Power Systems MAQ473 Datasheet HTML 10Page - Monolithic Power Systems MAQ473 Datasheet HTML 11Page - Monolithic Power Systems MAQ473 Datasheet HTML 12Page - Monolithic Power Systems MAQ473 Datasheet HTML 13Page - Monolithic Power Systems MAQ473 Datasheet HTML 14Page - Monolithic Power Systems MAQ473 Datasheet HTML 15Page - Monolithic Power Systems MAQ473 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
MAQ473
– 9-BIT TO 14-BIT, AUTOMOTIVE ANGLE SENSOR W/ ABZ & PWM OUTPUTS
MAQ473 Rev. 1.0
MonolithicPower.com
12
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
SPI Communication
The
sensor
supports
three
types
of
SPI
operation:
 Read angle
 Read configuration register
 Write configuration register
Each operation has a specific frame structure,
described below.
SPI Read Angle
Every 1µs, new data is transferred into the
output buffer. The master device triggers the
reading by pulling CS low.
When a trigger event is detected, the data
remains in the output buffer until the CS signal
is de-asserted (see Table 4).
Table 4: Sensor Data Timing
Event
Action
CS falling edge
Start reading and freeze the
output buffer
CS rising edge
Release the output buffer
Figure 9 shows a diagram of a full SPI angle
reading. Figure 10 shows a partial SPI angle
reading. A full angle reading requires 16 clock
pulses. The sensor MISO line returns:
MSB
LSB
MISO
Angle[15:0]
MOSI
0
The MagAlpha family has sensors with different
features and levels of resolution. See the data
output
length
section
in
the
General
Characteristics section on page 5 for the
number of useful bits delivered at the serial
output. If the data length is less than 16, the
rest of the bits sent are 0s. For example, a data
output length of 12 bits means that the serial
output delivers a 12-bit angle value with 4 bits
of 0s padded at the end (the MISO state
remains 0). If the master sends 16 clock counts,
the MAQ473 replies with:
MSB
LSB
MISO
Angle[15:4]
0 0 0 0
MOSI
0
Angle reading can be therefore optimized
without any loss of information by reducing the
number of clock counts. In the case of a 12-bit
data output length, only 12 clock counts are
required to get the full sensor resolution.
MSB
LSB
MISO
Angle[15:4]
MOSI
0
If less resolution is needed, the angle can be
read by sending even fewer clock counts (since
the MSB is first).
In case of fast reading, the MAQ473 continues
sending the same data until the data is
refreshed. See the refresh rate section in the
General Characteristics section on page 5.
Figure 9: Full 16-Bit SPI Angle Reading Diagram
Figure 10: Partial 8-Bit SPI Angle Reading
Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com