Electronic Components Datasheet Search
  English  ▼

X  

NB670 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # NB670
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB670 Datasheet(HTML) 4 Page - Monolithic Power Systems

  NB670 Datasheet HTML 1Page - Monolithic Power Systems NB670 Datasheet HTML 2Page - Monolithic Power Systems NB670 Datasheet HTML 3Page - Monolithic Power Systems NB670 Datasheet HTML 4Page - Monolithic Power Systems NB670 Datasheet HTML 5Page - Monolithic Power Systems NB670 Datasheet HTML 6Page - Monolithic Power Systems NB670 Datasheet HTML 7Page - Monolithic Power Systems NB670 Datasheet HTML 8Page - Monolithic Power Systems NB670 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NB670 ― 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB670 Rev. 1.02
www.MonolithicPower.com
4
8/27/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
CLK Output
CLK Output High Level Voltage
VCLKH
IVclk= -5mA
3.1
3.25
3.4
V
CLK Output Low Level Voltage
VCLKL
IVclk= 5mA
0
0.05
0.1
V
CLK Frequency
FCLK
TJ = 25°C
300
kHz
LDO Regulator
LDO Regulator
VLDO
3.25
3.35
3.45
V
LDO Load Regulation
ILDO =50mA
5
%
LDO Load Capability
Before switch-over
70
90
120
mA
After switch-over
100
mA
Switch Rdson
RSwitch
ILDO =50mA
1.7
2.2
Ω
VCC Regulator
VCC Regulator
VCC
4.95
5.15
5.35
V
VCC Load Regulation
Icc=5mA
5
%
Power Good
PG Rising (Good)
PGVth-Hi
95
%
VOUT_Ref
PG Falling (Fault)
PGVth-Lo
85
PG Rising (Fault)
PGVth-Hi
115
PG Falling (Good)
PGVth-Lo
105
Power Good Lower to High Delay
PGTd
0.5
ms
Power Good Sink Current
Capability
VPG
Sink 4mA
0.4
V
Power Good Leakage Current
IPG LEAK
VPG = 3.3V
100
nA
Thermal Protection
Thermal Shutdown
(6)
TSD
150
°C
Thermal Shutdown Hysteresis
25
°C
Note:
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com