Electronic Components Datasheet Search
  English  ▼

X  

NB670 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # NB670
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB670 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button NB670 Datasheet HTML 5Page - Monolithic Power Systems NB670 Datasheet HTML 6Page - Monolithic Power Systems NB670 Datasheet HTML 7Page - Monolithic Power Systems NB670 Datasheet HTML 8Page - Monolithic Power Systems NB670 Datasheet HTML 9Page - Monolithic Power Systems NB670 Datasheet HTML 10Page - Monolithic Power Systems NB670 Datasheet HTML 11Page - Monolithic Power Systems NB670 Datasheet HTML 12Page - Monolithic Power Systems NB670 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NB670 ― 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB670 Rev. 1.02
www.MonolithicPower.com
9
8/27/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
BLOCK DIAGRAM
VIN
ENLDO
LDO
Gate
control
Logic
On Time
One Shot
Fault
logic
Soft-
start
POR &
Reference
0.6V VREF
1V
130% VREF
OVP
OCP
POK
UVP
Min off time
VOUT
EN
95% VREF
60% VREF
LDO
Control
Vcc
Vcc
Regulator
LDO
Switch-over
VOUT
VOUT
VIN
SW
BSTREG
VIN
BST
SW
PGND
PG
CLK
generator
CLK
VCC
AGND
VFB
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com