Electronic Components Datasheet Search
  English  ▼

X  

ADM1192 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1192
Description  Digital Power Monitor with Clear Pin and ALERT Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1192 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1192 Datasheet HTML 9Page - Analog Devices ADM1192 Datasheet HTML 10Page - Analog Devices ADM1192 Datasheet HTML 11Page - Analog Devices ADM1192 Datasheet HTML 12Page - Analog Devices ADM1192 Datasheet HTML 13Page - Analog Devices ADM1192 Datasheet HTML 14Page - Analog Devices ADM1192 Datasheet HTML 15Page - Analog Devices ADM1192 Datasheet HTML 16Page - Analog Devices ADM1192 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADM1192
Rev. B | Page 13 of 20
WRITE EXTENDED COMMAND BYTE
In the write extended command byte operation, the master
device writes to one of the three extended registers of the slave
device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address, followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends the register address byte. The MSB of this
byte is set to 1 to indicate an extended register write. The two
LSBs indicate which of the three extended registers are to be
written to (see Table 8). All other bits should be set to 0.
5.
The slave asserts an acknowledge on SDA.
6.
The master sends the extended command byte (refer to
Table 9, Table 10, and Table 11).
7.
The slave asserts an acknowledge on SDA.
8.
The master asserts a stop condition on SDA to end the
transaction.
S
SLAVE
ADDRESS
WA
REGISTER
ADDRESS
AP
EXTENDED
COMMAND
BYTE
A
12
3
4
5
6
7 8
Figure 23. Write Extended Byte
Table 9, Table 10, and Table 11 provide the details of each
extended register.
Table 8. Extended Register Addresses
A6
A5
A4
A3
A2
A1
A0
Extended Register
0
0
0
0
0
0
1
ALERT_EN
0
0
0
0
0
1
0
ALERT_TH
0
0
0
0
0
1
1
CONTROL
Table 9. ALERT_EN Register Operations
Bit
Default
Name
Function
0
0
EN_ADC_OC1
LSB, enabled if a single ADC conversion on the I channel exceeds the threshold set in the ALERT_TH register.
1
0
EN_ADC_OC4
Enabled if four consecutive ADC conversions on the I channel exceed the threshold set in the
ALERT_TH register.
2
1
EN_OC_ALERT
Enables the OC_ALERT register. If an overcurrent condition is present and the TIMER pin charges to 1.3 V, the
OC_ALERT register captures and latches this condition.
3
0
EN_OFF_ALERT
Enables an alert if the hot swap operation is turned off by an operation that writes the SWOFF bit high.
This allows a software override of the ALERT output and turns on a P-channel FET controlled by ALERT.
4
0
CLEAR
Clears the OC_ALERT and ADC_ALERT status bits in the status register. The value of these bits can
immediately change if the source of the alert is not cleared and the alert function is not disabled.
The CLEAR bit self-clears to 0 after the STATUS register bits are cleared.
Table 10. ALERT_TH Register Operations
Bit
Default
Function
[7:0]
FF
The ALERT_TH register sets the current level at which an alert occurs. Defaults to ADC full scale. The ALERT_TH 8-bit
value corresponds to the top eight bits of the current channel data.
Table 11. CONTROL Register Operations
Bit
Default
Name
Function
0
0
SWOFF
LSB, forces the ALERT pin to deassert. Can be active only if the EN_OFF_ALERT bit is high (see Table 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com